Electronic Components Datasheet Search
  English  ▼

X  

CC4V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CC4V
Description  SM WATCH CRYSTAL MIL TEMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CC4V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CC4V Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* 0.95mm high version available on request.
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Watch Crystal Mil Temp
CC4V
20 Mar 2001
ACTUAL SIZE
1.50
0.90
0.90
0.50
1.20 (max)*
0.95 optional
5.00
1.90
SOLDER PAD LAYOUT
3.10
TOP VIEW
2.40
1.30
1.30
Features
➠ High shock & vibration resistance
➠ Military temperature range option
➠ Low power consumption
➠ Miniature ceramic package
Scale 3:1
Specifications
Product name + termination + option codes + frequency
+ calibration tolerance
eg: CC4V-T1/I 32.768kHz ±30ppm -40+85°C
CC4V-T1/M 32.0kHz ±10ppm -55+125°C
Option code X (eg CC4V-T1/X) denotes a custom specification.
Ordering Information
CC4V
Parameters
Product
Option
Code
Standard.
Optional - Please specify required code(s) when ordering
Standard Calibration Tolerances
32.0 ~ 200kHz
201 ~ 560kHz
561kHz ~ 1.0MHz
±30ppm
±100ppm
±100ppm
±100ppm
±250ppm
±500ppm
Available on T&R (2k or 10k pcs/reel) or trays (100pcs/tray).
Refer to our website for T&R and soldering details.
Ask about higher shock & vibration specifications.
Terminations:
Gold plated pads
T1
Ni+Sn plated pads
T2
Frequency range:
32.768kHz
32.0kHz ~ 1.0MHz
Calibration tolerance:
see table
specify
Other
Operating temperature range:
-40 to +85°C
I
-55 to +125°C
M
Storage temperature range:
-55 to +125°C
Circuit condition:
9pF (32.0 ~ 200kHz)
4pF (201 ~ 560kHz)
10pF (560kHz ~ 1.0MHz)
Static capacitance (C
0):
1.4pF typ
Motional capacitance (C
1):
2.35fF typ
Equivalent series resistance:
50k
typ, 80k
max
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.038ppm/°C2 typ
Shock resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - CC4V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC4V GOLLEDGE-CC4V Datasheet
59Kb / 1P
SM Watch Crystal Mil Temp
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
59Kb / 1P
SM Watch Crystal Mil Temp
logo
MICORO CRYSTAL SWITZERL...
CC4V-T1A MICROCRYSTAL-CC4V-T1A Datasheet
146Kb / 2P
Tuning Fork Crystal 30 kHz - 1.0 MHz
CC4V-T1A MICROCRYSTAL-CC4V-T1A Datasheet
898Kb / 2P
Tuning Fork Crystal 30 kHz ??1.0 MHz
logo
Golledge Electronics Lt...
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
Low Frequency SM Crystal
More results

Similar Description - CC4V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC5V GOLLEDGE-CC5V Datasheet
50Kb / 1P
SM Watch Crystal Mil Temp
CC4V GOLLEDGE-CC4V Datasheet
59Kb / 1P
SM Watch Crystal Mil Temp
CC7V GOLLEDGE-CC7V Datasheet
52Kb / 1P
SM Watch Crystal Mil Temp
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
SM Watch crystal
CC5V GOLLEDGE-CC5V_06 Datasheet
56Kb / 1P
SM Watch Crystal Mil Temp
CC7V GOLLEDGE-CC7V_06 Datasheet
55Kb / 1P
SM Watch Crystal Mil Temp
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com