Electronic Components Datasheet Search
  English  ▼

X  

D52LC Datasheet(PDF) 1 Page - TOKO, Inc

Part # D52LC
Description  Ferrite Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

D52LC Datasheet(HTML) 1 Page - TOKO, Inc

  D52LC_16 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D52LC
Inductance Range: 1.2~100
H
(Unit: mm)
FEATURES
特長
 Low profile (5.2mm Max. square, 2.0mm Max. height).
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 Ideal for a variety of DC-DC converter inductor applications.
 小型薄形構造(5.2mm角Max.、高さ2.0 mm Max.)
 閉磁路構造、低直流抵抗
 大電流対応
 各種機器のDC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE D52LC (Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
=10%
=30%
#A914BYW-1R2M=P3
1.2
 20
44 (37)
1.94 (2.59)
2.15 (2.88)
2.44 (2.87)
#A914BYW-2R2M=P3
2.2
 20
59 (49)
1.44 (1.93)
1.63 (2.18)
1.74 (2.06)
#A914BYW-3R5M=P3
3.5
 20
73 (61)
1.19 (1.59)
1.34 (1.80)
1.54 (1.82)
#A914BYW-4R7M=P3
4.7
 20
87 (72)
1.01 (1.35)
1.14 (1.52)
1.30 (1.54)
#A914BYW-6R8M=P3
6.8
 20
105 (84)
0.83 (1.11)
0.95 (1.27)
1.17 (1.38)
#A914BYW-100M=P3
10
 20
150 (125)
0.67 (0.90)
0.76 (1.03)
0.93 (1.10)
#A914BYW-150M=P3
15
 20
210 (175)
0.56 (0.76)
0.63 (0.85)
0.77 (0.91)
#A914BYW-220M=P3
22
 20
275 (230)
0.49 (0.66)
0.56 (0.75)
0.70 (0.83)
#A914BYW-330M=P3
33
 20
455 (375)
0.39 (0.53)
0.44 (0.59)
0.51 (0.61)
#A914BYW-470M=P3
47
 20
730 (605)
0.32 (0.43)
0.36 (0.49)
0.38 (0.45)
#A914BYW-680M=P3
68
 20
935 (780)
0.26 (0.35)
0.30 (0.41)
0.35 (0.42)
#A914BY-101M=P3
100
 20
1500 (1250)
0.20 (0.28)
0.23 (0.32)
0.26 (0.31)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - D52LC_16

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D52LC TOKO-D52LC Datasheet
97Kb / 1P
Fixed Inductors for Surface Mounting
logo
Monolithic Power System...
D52LC MPS-D52LC Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
D52LC MPS-D52LC Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
D52LC MAXIM-D52LC Datasheet
280Kb / 12P
16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - D52LC_16

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
Ferrite Inductors
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com