Electronic Components Datasheet Search
  English  ▼

X  

HC08 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC08
Description  8.0kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC08 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC08 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1000
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
=0V,f=1MHz
---
HC08
HC08
7.2
5.0
0.5
50
8.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=IF(AV)
=VRRM
=VRRM
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
8.0kV 1.0A HIGH VOLTAGE DIODES
HC08
HVGT
Outline Drawings : mm
HC08
Cathode Mark
Type
Mark
HC08
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
HVGT


Similar Part No. - HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC08 TI-HC08 Datasheet
568Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
List of Unclassifed Man...
HC08100 ETC1-HC08100 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08101 ETC1-HC08101 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08103 ETC1-HC08103 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08107 ETC1-HC08107 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-08A GETEDZ-ESJA54-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA08-08 GETEDZ-ESJA08-08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC8 GETEDZ-HC8 Datasheet
120Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
8.0kV 750mA HIGH VOLTAGE DIODES
ESJA54-08 GETEDZ-ESJA54-08_17 Datasheet
651Kb / 2P
5.0mA 8.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA08-08 GETEDZ-ESJA08-08_17 Datasheet
650Kb / 2P
5.0mA 8.0kV 80nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com