Electronic Components Datasheet Search
  English  ▼

X  

HC16 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC16
Description  16kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC16 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1000
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
=0V,f=1MHz
---
HC16
HC16
15
5.0
0.5
50
16
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=IF(AV)
=VRRM
=VRRM
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
16kV 1.0A HIGH VOLTAGE DIODES
HC16
HVGT
Outline Drawings : mm
HC16
Cathode Mark
Type
Mark
HC16
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
HVGT


Similar Part No. - HC16

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC1600P03 YANTEL-HC1600P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
logo
System Logic Semiconduc...
HC161 SLS-HC161 Datasheet
85Kb / 9P
Presettable Counters
logo
auris-GmbH
HC1612 AURIS-HC1612 Datasheet
542Kb / 1P
Ultra thin and small leadless type
HC1614 AURIS-HC1614 Datasheet
542Kb / 1P
Ultra thin and small leadless type
logo
Hynix Semiconductor
HC16202NY-LY HYNIX-HC16202NY-LY Datasheet
576Kb / 7P
LCD MODULE
More results

Similar Description - HC16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL75 GETEDZ-2CL75 Datasheet
78Kb / 1P
5mA 16kV HIGH VOLTAGE DIODES
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
16kV 750mA HIGH VOLTAGE DIODES
ESJA53-16A GETEDZ-ESJA53-16A Datasheet
79Kb / 1P
5mA 16kV HIGH VOLTAGE SILICON RECTIFIER DIODES
SHV-16 GETEDZ-SHV-16 Datasheet
68Kb / 1P
16kV 5mA HIGH VOLTAGE DIODES
ESJG05F16 GETEDZ-ESJG05F16_16 Datasheet
82Kb / 1P
16kV 50mA HIGH VOLTAGE DIODES
2CL75 GETEDZ-2CL75_16 Datasheet
78Kb / 1P
5mA 16kV HIGH VOLTAGE DIODES
HVP16 GETEDZ-HVP16 Datasheet
159Kb / 1P
16kV 750mA HIGH VOLTAGE DIODES
HV10G16 GETEDZ-HV10G16 Datasheet
617Kb / 2P
10mA 16kV 100nS-- High Voltage Diodes
ESJA53-16 GETEDZ-ESJA53-16_17 Datasheet
648Kb / 2P
5.0mA 16kV 80nS--HIGH VOLTAGE RECTIFIER DIODES
ESJA53-16A GETEDZ-ESJA53-16A_17 Datasheet
648Kb / 2P
5.0mA 16kV 80nS--HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com