Electronic Components Datasheet Search
  English  ▼

X  

HVP5 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVP5
Description  5.0kV 750mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVP5 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVP5 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Features
Applications
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
750
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
HVP-5
Cathode Mark
=0V,f=1MHz
---
Type
Mark
HVP-5
HVP-5
6.0
100
5.0
50
5
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=IF(AV)
=VRRM
=VRRM
Rectifier Blocks
High Voltage
Mounting
Slots
HVP-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVP-5
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
Maximum Ratings and Characteristics
HVGT
5.0kV 750mA HIGH VOLTAGE DIODES
HVP-5
HVGT


Similar Part No. - HVP5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVP5 RECTRON-HVP5 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP5 LRC-HVP5 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVP5 MIC-HVP5 Datasheet
114Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
Leshan Radio Company
HVP5 LRC-HVP5 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
logo
HITRON ELECTRONICS CORP...
HVP500 HITRON-HVP500 Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
More results

Similar Description - HVP5

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR5F GETEDZ-BR5F Datasheet
68Kb / 1P
5.0kV 0.8A HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HVP-14 GETEDZ-HVP-14 Datasheet
127Kb / 1P
14kV 750mA HIGH VOLTAGE DIODES
HVP-15 GETEDZ-HVP-15 Datasheet
127Kb / 1P
15kV 750mA HIGH VOLTAGE DIODES
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
16kV 750mA HIGH VOLTAGE DIODES
HC5 GETEDZ-HC5 Datasheet
120Kb / 1P
5.0kV 1.0A HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L Datasheet
134Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
SP5LG GETEDZ-SP5LG Datasheet
148Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
HVP12 GETEDZ-HVP12 Datasheet
159Kb / 1P
12kV 750mA HIGH VOLTAGE DIODES
HVP20 GETEDZ-HVP20 Datasheet
159Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com