Electronic Components Datasheet Search
  English  ▼

X  

HC10 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC10
Description  10kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC10 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC10_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1000
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
=0V,f=1MHz
---
HC10
HC10
9.0
5.0
0.5
50
10
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
=IF(AV)
=VRRM
=VRRM
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
10kV 1.0A HIGH VOLTAGE DIODES
HC10
HVGT
Outline Drawings : mm
HC10
Cathode Mark
Type
Mark
HC10
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
HVGT


Similar Part No. - HC10_16

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HC1061 HUASHAN-HC1061 Datasheet
132Kb / 2P
NPN SILICON TRANSISTOR
logo
GETAI ELECTRONICS DEVIC...
HC10 GETEDZ-HC10_17 Datasheet
529Kb / 2P
1.0A 10kV-- Glass Passivated Rectifier Assembly
More results

Similar Description - HC10_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HVC10F GETEDZ-HVC10F Datasheet
72Kb / 1P
10kV 200mA HIGH VOLTAGE DIODES
HC10 GETEDZ-HC10 Datasheet
120Kb / 1P
10kV 1.0A HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB100G GETEDZ-HVQL10MB100G Datasheet
472Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
2CL72 GETEDZ-2CL72_16 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HVP10 GETEDZ-HVP10 Datasheet
159Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
10mA 10kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com