Electronic Components Datasheet Search
  English  ▼

X  

LM2685 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, VIN =
3.6V. (Continued)
Line Transient Response (with 5mA
Load)
DS101100-14
A: INPUT VOLTAGE: VIN = 3.2V to 6.0V, 5V/div
B: OUTPUT VOLTAGE: VPSW: 100mV/div
C: OUTPUT VOLTAGE: VNSW: 100mV/div
V
05 Load Transient Response
DS101100-15
A: LOAD CURRENT: ILOAD = 5mA to 39.6mA,
10mA/div
B: OUTPUT VOLTAGE: V05: 10mV/div
V
NSW Load Transient Response
DS101100-16
A: LOAD CURRENT: ILOAD = 4.4mA to −9.4mA,
10mA/div
B: OUTPUT VOLTAGE: VNSW: 50mV/div
V
PSW and VNSW Response to CE
(with 5mA Load)
DS101100-17
A: CE INPUT: 5V/div
B: OUTPUT VOLTAGE: VPSW: 5V/div
C: OUTPUT VOLTAGE: VNSW: 5V/div
V
05 Response to SDP (with 5mA
Load)
DS101100-18
A: SDP INPUT: 5V/div
B: OUTPUT VOLTAGE: 5V/div
V
NSW Response to SDP (with 5mA
Load)
DS101100-19
A: SDP INPUT: 5V/div
B: OUTPUT VOLTAGE (VNSW): 5V/div
V
NSW Response to SDN
(with 5mA Load)
DS101100-20
A: SDN INPUT: 5V/div
B: OUTPUT VOLTAGE (VNSW): 5V/div
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com