Electronic Components Datasheet Search
  English  ▼

X  

F7N Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # F7N
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

F7N Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  F7N Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. F7N Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F7
F1
100
=30
RRM
2)
1)
F7N
F5N
F4N
F3N
F2N
F1N
25
Features
· Glass passivated die construction
· Ideal for surface mouted applications
· Low reverse leakage
· Metallurgically bonded construction
· High temperature soldering guaranteed:
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.0A
VFM
1.3
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
5.0
uA
Maximum reverse recovery time (NOTE
trr
150
250
500
ns
Typical junction capacitance (NOTE
CJ
15
pF
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
℃
Note:1.
2.
Measured with IF=0.5A, IR=1A, Irr=0.25A.
Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
version:01
1 of 2
www.dyelec.com
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
℃
260 /10
SYMBOL
A
@T
℃
=100
=25
A
@T
℃
℃
A
@T
0
· Plastic material-UL flammability 94V-
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
F6N
N
THRU
N


Similar Part No. - F7N

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F7N3 EDAL-F7N3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
logo
Jiangsu Donghai Semicon...
F7N60 WXDH-F7N60 Datasheet
898Kb / 11P
7A 600V N-channel Enhancement Mode Power MOSFET
F7N60 WXDH-F7N60 Datasheet
898Kb / 11P
7A 600V N-channel Enhancement Mode Power MOSFET
F7N60 WXDH-F7N60 Datasheet
898Kb / 11P
7A 600V N-channel Enhancement Mode Power MOSFET
F7N60 WXDH-F7N60 Datasheet
899Kb / 11P
7A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - F7N

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1ANL DYELEC-ES1ANL Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com