Electronic Components Datasheet Search
  English  ▼

X  

FR2A Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # FR2A
Description  2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR2A Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  FR2A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR2A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0AMP SURFACE MOUNT FAST RECOVERY
RECTIFIERS
version:01
60
100
@T =55
STG
T
J
T
J
C
A
@T =100
@T =25
RRM
0
5.0
plastic SMB
500
FR2M
FR2K
600
70
FR2M
Time(Note
I
FM
V
@IF=2.0A
Deally
Areas.
Land
Thick
8.0MM
FR2A THRU
Features
Suited for Automatic Assembly
·
Low Power Loss,High Efficiency
·
For Use in Low Voltage Application
Plastic Case Material has UL Flammability
Classication Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity:Cathode Band or Cathode Notch
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL FR2A FR2B FR2D FR2G FR2J
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
V
Average Rectified Output Current
℃
IO
2.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
1.3
V
Peak Reverse Current
℃
uA
At Rated DC Blocking Voltage
℃
Maximum Reverse Recovery
1)
Trr
150
250
ns
Typical Junction Capacitance (Note 2)
40
pF
Typical Thermal Resistance Junction to
Ambient(Note 3)
Rθ JA
20
℃
/W
Operating Temperature Range
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
Note: 1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.
²(.013mm
)
1of2
·
·
R
700
560
1000
800
1000
800
L
A
0.084(2.13)
0.004(0.10)
0.008(0.20)
0.197(5.00)
0.217(5.50)
0.057(1.45)
0.033(0.85)
0.004(0.100)
0.012(0.300)
0.187(4.75)
0.163(4.15)
0.154(3.90)
SMB/DO-214AA
Dimensions in inches and (millimeters)
0.096(2.44)
0.130(3.30)
0.075(1.91)
0.083(2.11)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - FR2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2A TRSYS-FR2A Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Dc Components
FR2A DCCOM-FR2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
186Kb / 2P
2.0AMP Fast Recovery Rectifiers
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
ES21B SECOS-ES21B Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
R2AN DYELEC-R2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2A DYELEC-RS2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2AN DYELEC-RS2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
2.0AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com