Electronic Components Datasheet Search
  English  ▼

X  

FR207GU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # FR207GU
Description  Low forward voltage drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

FR207GU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  FR207GU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. FR207GU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Molded
207GU
206GU
205GU
204GU
203GU
202GU
201GU
G U
G U
AMP
2.0
3.
2.Reverse
(Note2
3)
j
C
@T =100
@T =25
@T =55
A
c
plasti
@IF=2.0A
40
65
150
65
60
Ambient
FR201
THRU FR207
Features
·
Low forward voltage drop
·
High current capability
·
High reliability
·
High surge current capability
Mechanical Data
·
Case:
DO-15
·
Terminals: Axial leads solderable per
MIL-STD-202,Method 208 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
FR
Unit
Maximum Recurrent Peak Reverse Voltage
VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current (Note 1)
℃
IO
2.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
1.3
V
Peak Reverse Current
℃
IR
5.0
uA
At Rated DC Blocking Voltage
℃
100
Maximum Reverse Recovery Time
)
TRR
150
250
500
nS
Typical Junction Capacitance (Note
pF
Typical Thermal Resistance Junction to
R
25
/W
Operating Temperature Range
Tj
-
to +
℃
Storage Temperature Range
TSTG
-
to + 150
℃
Note: 1.Thermal resistance junction to ambient
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A .
1of2
www.sddydz.com
MIN.
MIN.
DIA.
DIA.
DO-15
A
A
Dimensions in inches and (millimeters)
θJA
Fast
Rectifiers
Recovery
G lass
FR
FR
FR
FR
FR
FR
version:01
℃


Similar Part No. - FR207GU

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207GU

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com