Electronic Components Datasheet Search
  English  ▼

X  

9DBV0941 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9DBV0941
Description  9-output 1.8V HCSL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0941 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9DBV0941 Datasheet HTML 9Page - Integrated Device Technology 9DBV0941 Datasheet HTML 10Page - Integrated Device Technology 9DBV0941 Datasheet HTML 11Page - Integrated Device Technology 9DBV0941 Datasheet HTML 12Page - Integrated Device Technology 9DBV0941 Datasheet HTML 13Page - Integrated Device Technology 9DBV0941 Datasheet HTML 14Page - Integrated Device Technology 9DBV0941 Datasheet HTML 15Page - Integrated Device Technology 9DBV0941 Datasheet HTML 16Page - Integrated Device Technology 9DBV0941 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REVISION C 03/28/16
13
9-OUTPUT 1.8V HCSL FANOUT BUFFER W/ZO=100OHMS
9DBV0941 DATASHEET
SMBus Table: Revision and Vendor ID Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
0
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Device Type/Device ID
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device Type1
R
1
Bit 6
Device Type0
R
1
Bit 5
Device ID5
R
0
Bit 4
Device ID4
R
0
Bit 3
Device ID3
R
1
Bit 2
Device ID2
R
0
Bit 1
Device ID1
R
0
Bit 0
Device ID0
R
1
SMBus Table: Byte Count Register
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
Reserved
Device Type
Writing to this register will configure how
many bytes will be read back, default is
= 8 bytes.
Byte Count Programming
Revision ID
0001 = IDT
Reserved
Reserved
001001binary or 09 hex
00 = FG, 01 = DB
10 = DM, 11= DB fanout only
VENDOR ID
Device ID
A rev = 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com