| Electronic Components Datasheet Search |
|
CS8401A Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8401A Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 34 page ![]() (619) 268-2400 Part Number: PE65612 Schott Corporation 1000 Parkers Lane Rd. Wayzata, MN 55391 (612) 475-1173 FAX (612) 475-1786 Part Number: 67125450 - compatible with Pulse 67128990 - lower cost 67129000 - surface mount 67129600 - single shield Scientific Conversions Inc. 42 Truman Drive Novato, CA. 94947 (415) 8922323 Part Number: SC916-01 - single shield SC916-02 - surface mount Appendix B: MCK and FSYNC Relationship FSYNC should be derived either directly or indi- rectly from MCK. The indirect case could be a DSP, providing FSYNC through its serial port, using the same master oscillator that generates MCK. In either case, FSYNC’s relationship to MCK is fixed and does not move. Since this ap- pendix provides information on what would happen if FSYNC did move with respect to MCK, it does not apply to the majority of users. All internal timing is derived from MCK. On the CS8402A, MCK is always 128 ×Fs. On the CS8401A, the external MCK is programmable and is initially divided to 128 ×Fs before being used by the part. The internal clock IMCK used in the following discussion is always 128 ×Fs re- gardless of the external MCK pin. After RST, the CS8401A and CS8402A syn- chronize the internal timing to the audio data port, more specifically FSYNC, to guarantee that channel A is left channel data and channel B is right channel data as per the AES/EBU specifica- tion. If FSYNC moves with respect to IMCK, the transmitter could lose synchronization, which causes an internal reset. Figure B1 shows the structure of the serial port input, to the transmitter output. The audio data is serially shifted into R1. PLD is an internal signal that parallel loads R1 into the R2 buffer, and, at the same time, the C, U, and V bits are latched. On the CS8401A, the C, U, and V bits are held in RAM, whereas on the CS8402A, they are latched from external pins. The PLD signal rises on the first SCK edge that can latch data. This is coincident with the latching of the MSB of audio data in MSB-first, left-justified modes. PLD stays high for one SCK period. In the CS8402A section, the arrows on SCK in Figure 16 indicate w h e n PL D g o e s high. Also, SB C in th e CS8402A CD submode is an external version of PLD gated by the SBF input. P C U V Preamble Dri- ver Mux Biphase Encode TXP TXN R3 - Shift (out) Register R2 - Audio Buffer R1 - Shift (in) Register SDATA SCK internally generated CS8402A C,U,V Port CS8401A Internal Memory PLD (load signal) LDS (load signal) IMCK 2 D Q Internal Reset +V Figure B1. Serial Port-to-Transmitter Block Diagram CS8401A CS8402A DS60F1 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |