Electronic Components Datasheet Search
  English  ▼

X  

DS1775 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1775
Description  User-Definable Thermostat Settings
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1775 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1775 Datasheet HTML 6Page - Maxim Integrated Products DS1775 Datasheet HTML 7Page - Maxim Integrated Products DS1775 Datasheet HTML 8Page - Maxim Integrated Products DS1775 Datasheet HTML 9Page - Maxim Integrated Products DS1775 Datasheet HTML 10Page - Maxim Integrated Products DS1775 Datasheet HTML 11Page - Maxim Integrated Products DS1775 Datasheet HTML 12Page - Maxim Integrated Products DS1775 Datasheet HTML 13Page - Maxim Integrated Products DS1775 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS1775
13 of 14
Figure 5. Timing Diagram
ORDERING INFORMATION
PART
ADDRESS
TOP MARK
TEMP RANGE
PIN-PACKAGE
DS1775R+U
000
7750
-55°C to +125°C
5 SOT23
DS1775R+T&R
DS1775R1+U
001
7751
-55°C to +125°C
5 SOT23
DS1775R1+T&R
DS1775R2+U
010
7752
-55°C to +125°C
5 SOT23
DS1775R2+T&R
DS1775R3+U
011
7753
-55°C to +125°C
5 SOT23
DS1775R3+T&R
DS1775R4+U
100
7754
-55°C to +125°C
5 SOT23
DS1775R4+T&R
DS1775R5+U
101
7755
-55°C to +125°C
5 SOT23
DS1775R5+T&R
DS1775R6+U
110
7756
-55°C to +125°C
5 SOT23
DS1775R6+T&R
DS1775R7+U
111
7757
-55°C to +125°C
5 SOT23
DS1775R7+T&R
+Denotes a lead(Pb)-free/RoHS-compliant package.
U = Cut tape.
T&R = Tape and reel.
PACKAGE INFORMATION
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix
character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
5 SOT23
U5+1
21-0057
90-0174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com