Electronic Components Datasheet Search
  English  ▼

X  

E5530 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # E5530
Description  128-Bit IDIC for Radio Frequency Identification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

E5530 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  E5530 Datasheet HTML 1Page - TEMIC Semiconductors E5530 Datasheet HTML 2Page - TEMIC Semiconductors E5530 Datasheet HTML 3Page - TEMIC Semiconductors E5530 Datasheet HTML 4Page - TEMIC Semiconductors E5530 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
e5530
Rev. A3, 17-Sep-98
4 (5)
Operating Characteristics
Tamb = 25°C, reference terminal is VDD, operating voltage VDD – VSS = 3 V dc, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ. *
Max.
Unit
Operating voltage
Condition for logic test
VSS
–1.5
–5.0
V
Operating temperature
Tamb
–40
125
°C
Input frequency (RF)
fCLK
100
450
kHz
Operating current
fCLK = 125 kHz,
VSS = –2 V
ICC
3
mA
Clamp voltage
I = 4 mA
VCL
6.7
10
V
*
Typical parameters represent the statistical mean values
Transmission Options
Modulation
Carrier Frequency (CF)
Bitrate [bit/s]
FSK
RF/8, RF/10
RF/32, RF/40, RF/50, RF/64, RF/80,
RF/100, RF/128
PSK
RF/2
CF/4, 8, 16, 32
BIPH
RF/8, RF/16, RF/32, RF/64, RF/100,
RF/128
Manchester
RF/8, RF/16, RF/32, RF/64, RF/100,
RF/128
~
Coil 1
Coil 2
V
DD
V
SS
= 2 V
I
DD
V
pp Coil ≅ 1.5 V
96 12303
Figure 6. Measurement setup for IDD
Coil 1
Mod
96 12304
Coil 2
100
W
~ 2 V
~ 2 V
100
W
Figure 7. Simplified damping circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com