Electronic Components Datasheet Search
  English  ▼

X  

MAX5717 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5717
Description  Digital Oscilloscope
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5717 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5717 Datasheet HTML 3Page - Maxim Integrated Products MAX5717 Datasheet HTML 4Page - Maxim Integrated Products MAX5717 Datasheet HTML 5Page - Maxim Integrated Products MAX5717 Datasheet HTML 6Page - Maxim Integrated Products MAX5717 Datasheet HTML 7Page - Maxim Integrated Products MAX5717 Datasheet HTML 8Page - Maxim Integrated Products MAX5717 Datasheet HTML 9Page - Maxim Integrated Products MAX5717 Datasheet HTML 10Page - Maxim Integrated Products MAX5717 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ITEM
QTY REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
3 AGND4‐AGND6
5011 ?
5011
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD HOLE=0.063IN; BLACK; PHOSPHOR BRONZE WIRE SILVER 
PLATE FINISH; RECOMMENDED FOR BOARD THICKNESS=0.062IN
27
CS, DIN, INV, OUT, 
LDAC, SCLK, BUF_OUT
5012 ?
5012
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD HOLE=0.063IN; WHITE; PHOSPHOR BRONZE WIRE SILVER 
PLATE FINISH; RECOMMENDED FOR BOARD THICKNESS=0.062IN
310
C1, C3, C5‐C7, C21, 
C22, C29, C30, C56
C0603C104K3
RAC; 
GRM188R71E
104KA01; 
C1608X7R1E1
04K
KEMET/MURATA/T
DK
0.1UF
CAPACITOR; SMT; 0603; CERAMIC; 0.1uF; 25V; 10%; X7R; ‐55degC to + 125degC;  +/‐15% from ‐55degC to +125degC; NOT 
RECOMMENDED FOR NEW DESIGN USE ‐ 20‐000u1‐01
4
3 C2, C4, C20
GRM21BR61E
475KA
MURATA
4.7UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 4.7UF; 25V; TOL=10%; MODEL=X5R; TG=‐55 DEGC TO +125 DEGC; TC=+/
57
C10, C18, C19, C44‐
C47
C0603C104K4
RAC; 
GCM188R71C
104KA37; 
C1608X7R1C1
04K; 
GRM188R71C
104K; 
C0603X7R160‐
104KNE
KEMET/MURATA/T
DK/VENKEL LTD.
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF; 16V; TOL=10%; TG=‐55 DEGC TO +125 DEGC; TC=X7R; NOT 
RECOMMENDED FOR NEW DESIGN USE 20‐000u1‐01
6
1 C11
C0603C103K5
RAC; 
GRM188R71H
103K;C0603X7
R500‐103KNE
KEMET/MURATA/V
ENKEL LTD.
0.01UF
CAPACITOR; SMT; 0603; CERAMIC;  0.01uF; 50V; 10%; X7R; ‐55degC to + 125degC; USE 20‐00u01‐M8 FOR NEW DESIGN
7
1 C12
C0603C102K5
RAC; 
GRM188R71H
102KA01; 
C0603X7R500‐
102KNE
KEMET/MURATA/V
ENKEL
1000PF
CAPACITOR; SMT; 0603; CERAMIC; 1000pF; 50V; 10%; X7R; ‐55degC to + 125degC;  +/‐15% from ‐55degC to +125degC, USE 
20‐1000p‐E4 FOR NEW DESIGN
TITLE: Bill of Materials
DATE: 03/03/2016
DESIGN: max571x_evkit_a
VARIANT:dni



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com