Electronic Components Datasheet Search
  English  ▼

X  

MAX14783E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14783E
Description  Encoder Interfaces
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14783E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14783E Datasheet HTML 1Page - Maxim Integrated Products MAX14783E Datasheet HTML 2Page - Maxim Integrated Products MAX14783E Datasheet HTML 3Page - Maxim Integrated Products MAX14783E Datasheet HTML 4Page - Maxim Integrated Products MAX14783E Datasheet HTML 5Page - Maxim Integrated Products MAX14783E Datasheet HTML 6Page - Maxim Integrated Products MAX14783E Datasheet HTML 7Page - Maxim Integrated Products MAX14783E Datasheet HTML 8Page - Maxim Integrated Products MAX14783E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
(Voltages referenced to GND.)
VCC .....................................................................-0.3V to +6.0V
RO ............................................................ -0.3V to (VCC + 0.3V)
RE, DE, DI............................................................-0.3V to +6.0V
A, B (VCC ≥ 3.6V) .............................................-8.0V to +13.0V
A, B (VCC < 3.6V) .............................................-9.0V to +13.0V
Short-Circuit Duration (RO, A, B) to GND.................Continuous
Operating Temperature Range
MAX14783EE_ ............................................... -40°C to +85°C
MAX14783EA_ ............................................. -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Continuous Power Dissipation (TA = +70°C)
µMAX (derate at 4.8mW/°C above +70°C) .................387mW
SO (derate at 7.6mW/°C above +70°C) ......................606mW
TDFN-EP (derate at 24.4mW/°C above +70°C)........1951mW
Lead Temperature (soldering, 10s) ................................. +300ºC
Soldering Temperature (reflow)...................................... +260°C
Junction-to-Case Thermal Resistance (θJC)
8-pin µMAX..................................................................42°C/W
8-pin SO ......................................................................38°C/W
8-pin TDFN-EP ..............................................................8°C/W
Junction-to-Ambient Thermal Resistance (θJA)
8-pin µMAX................................................................206°C/W
8-pin SO ....................................................................132°C/W
8-pin TDFN-EP ............................................................41°C/W
(Note 1)
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC = +5V and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
DE = VCC, RE = GND, no load
1.9
4
mA
Shutdown Supply Current
ISHDN
DE = GND, RE = VCC
10
µA
DRIVER
Differential Driver Output
VOD
VCC = 4.5V, RL = 54Ω, Figure 1
2.1
V
VCC = 3V, RL = 100Ω, Figure 1
2.0
VCC = 3V, RL = 54Ω, Figure 1
1.5
Change in Magnitude of Differential
Output Voltage
ΔVOD
RL = 54Ω or 100Ω, Figure 1 (Note 4)
-0.2
0
+0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 54Ω or 100Ω, Figure 1
VCC / 2
3
V
Change in Magnitude of Common-
Mode Voltage
ΔVOC
RL = 54Ω or 100Ω, Figure 1 (Note 4)
-0.2
+0.2
V
Single-Ended Driver Output High
VOH
A or B output, IA or B = -20mA
2.2
V
Single-Ended Driver Output Low
VOL
A or B output, IA or B = 20mA
0.8
V
Differential Output Capacitance
COD
DE = RE = VCC, f = 4MHz
12
pF
Driver Short-Circuit Output Current
|IOST|
0 ≤ VOUT ≤ +12V, output low
250
mA
-7V ≤ VOUT ≤ VCC, output high
250
mA
MAX14783E
High-Speed 3.3V/5V RS-485/RS-422 Transceiver
with ±35kV HBM ESD Protection
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com