Electronic Components Datasheet Search
  English  ▼

X  

MAX17501E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17501E
Description  600kHz Switching Frequency
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17501E Datasheet HTML 1Page - Maxim Integrated Products MAX17501E Datasheet HTML 2Page - Maxim Integrated Products MAX17501E Datasheet HTML 3Page - Maxim Integrated Products MAX17501E Datasheet HTML 4Page - Maxim Integrated Products MAX17501E Datasheet HTML 5Page - Maxim Integrated Products MAX17501E Datasheet HTML 6Page - Maxim Integrated Products MAX17501E Datasheet HTML 7Page - Maxim Integrated Products MAX17501E Datasheet HTML 8Page - Maxim Integrated Products MAX17501E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Evaluate: MAX17501A/MAX17501E
in TDFN Packages
MAX17501A/MAX17501E Evaluation Kits
Quick Start
Recommended Equipment
• MAX17501AorMAX17501EEVkit
• 4.5Vto60V,1ADCinputpowersupply
• Loadcapableofsinking500mA
• Digitalvoltmeter(DVM)
• Functiongenerator
Procedure
TheEVkitsarefullyassembledandtested.Followthesteps
belowtoverifyboardoperation.Caution: Do not turn on
power supply until all connections are completed.
1) Setthepowersupplyatavoltagebetween4.5Vand
60V.Disablethepowersupply.
2) Connect the positive terminal of the power supply
to the VIN PCB pad and the negative terminal to the
nearest PGND PCB pad. Connect the positive termi-
nal of the 500mA load to the VOUT PCB pad and the
negative terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and the
nearest PGND PCB pad.
4) Verify that a shunt is installed across pins 1-2 on
jumper JU1.
5) Turn on the DC power supply.
6) Enabletheload.
7) Verify that the DVM displays the expected voltage.
To turn on/turn off the part from EN/UVLO, follow the
stepsbelow:
1) Remove resistors R1 and R2 and the jumper installed
across pins 1-2 on jumper JU1.
2) Connect the power supply to the EV kit and turn on
the power supply. Set the power supply at a voltage
between4.5Vand60V.
3) Connect the function generator output to the
EN/UVLO test loop.
4) EN/UVLO rising threshold is 1.24V and falling thresh-
old is 1.11V. Make sure that the voltage-high and
voltage-low levels of the function generator output are
greater than 1.24V and less than 1.11V, respectively.
5) When powering down the EV kits, first disconnect the
function generator output from the EN/UVLO test loop
and then turn off the DC power supply.
Careshouldbetakeninboardlayoutandsystemswiring
topreventviolationoftheabsolutemaximumratingofthe
FB/VO pin under short-circuit conditions. Under such con-
ditions, it is possible for the ceramic output capacitor to
oscillatewiththeboardorwiringinductancebetweenthe
capacitorandshort-circuitedload,andtherebycausethe
absolutemaximumratingofFB/VO(-0.3V)tobeexceed-
ed. This parasitic board or wiring inductance should be
minimized and the output voltage waveform under short-
circuit operation should be verified to ensure that the
absolutemaximumratingofFB/VOisnotexceeded.
EV Kit-Specific Component List
*EP = Exposed pad.
Note: Indicate that you are using the MAX17501 when contacting these component suppliers.
Component Suppliers
EV KIT
DESIGNATION
DESCRIPTION
MAX17501ATEVKIT#
U1
Buck converter (10 TDFN-EP*)
Maxim MAX17501AATB+
—
PCB: MAX17501AT EVALUATION KIT
MAX17501ETEVKIT#
U1
Buck converter (10 TDFN-EP*)
Maxim MAX17501EATB+
—
PCB: MAX17501ET EVALUATION KIT
SUPPLIER
PHONE
WEBSITE
Coilcraft, Inc.
847-639-6400
www.coilcraft.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com