Electronic Components Datasheet Search
  English  ▼

X  

08P06P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 08P06P
Description  SIPMOS짰 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

08P06P Datasheet(HTML) 2 Page - Infineon Technologies AG

  08P06P Datasheet HTML 1Page - Infineon Technologies AG 08P06P Datasheet HTML 2Page - Infineon Technologies AG 08P06P Datasheet HTML 3Page - Infineon Technologies AG 08P06P Datasheet HTML 4Page - Infineon Technologies AG 08P06P Datasheet HTML 5Page - Infineon Technologies AG 08P06P Datasheet HTML 6Page - Infineon Technologies AG 08P06P Datasheet HTML 7Page - Infineon Technologies AG 08P06P Datasheet HTML 8Page - Infineon Technologies AG 08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPD08P06
P G G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - case
R thJC
-
-
K/W
Thermal resistance,
junction - ambient,leaded
R thJA
-
-
-
SMD version, device on PCB:
R thJA
minimal footprint
-
-
75
K/W
6 cm
2 cooling area1)
-
-
70
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250 µA
-60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=-250 µA
-2.1
-3.0
-4
Zero gate voltage drain current
I DSS
V DS=-60 V, V GS=0 V,
T j=25 °C
-
-0.1
-1
µA
V DS=-60 V, V GS=0 V,
T j=150 °C
-
-10
-100
Gate-source leakage current
I GSS
V GS=-20 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-6.2 V, I D=-10 A
-
230
300
m
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-6.2 A
2.5
4.9
-
S
1) Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 ( one layer, 70µ, thick) copper area for drain connection.
PCB is vertical without blown air.
Values
Rev 1.
92
page 2
20
12-09-10
3.6
50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com