Electronic Components Datasheet Search
  English  ▼

X  

SPD04P10PLG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD04P10PLG
Description  SIPMOS짰 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD04P10PLG Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD04P10PLG Datasheet HTML 1Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 2Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 3Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 4Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 5Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 6Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 7Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 8Page - Infineon Technologies AG SPD04P10PLG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPD04P10PL G
SIPMOS® Power-Transistor
Features
• P-Channel
• Enhancement mode
• Logic level
• Avalanche rated
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=-4.2 A, R GS=25 Ω
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
ESD class
JESD22-
A114-HBM
Soldering temperature
IEC climatic category; DIN IEC 68-1
-4.2
3.0
38
Value
57
-16.8
steady state
55/175/56
-55 ... 175
±20
260 °C
1A (250 V to 500 V)
V DS
-100
V
R DS(on),max
850
m
Ω
I D
-4.2
A
Product Summary
Type
Package
Marking
Lead free
Packing
SPD04P10PL G PG-TO252-3
04P10PL
Yes
Non dry
PG-TO-252
-3
Rev 1.
6
page 1
20
12-09-10
Tape and reel information
1000 pcs / reel
° Qualified according to AEC Q101


Similar Part No. - SPD04P10PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
777Kb / 9P
SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.5 2009-02-16
logo
VBsemi Electronics Co.,...
SPD04P10PLG VBSEMI-SPD04P10PLG Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
More results

Similar Description - SPD04P10PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
SIPMOS짰 Power Transistor
05.99
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
SIPMOS짰 Power-Transistor
2002-01-09
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com