Electronic Components Datasheet Search
  English  ▼

X  

ABC350-1030L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC350-1030L
Description  Approved to EN60950-1 2nd Edition
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350-1030L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC350-1030L Datasheet HTML 1Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 2Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 3Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 4Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 5Page - Bel Fuse Inc. ABC350-1030L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ABC350 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00560_AD
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Conducted Emissions
EN55022-B, CISPR22-B, FCC PART15 - B
Static Discharge
EN61000-4-2:
Level-3
RF Field Susceptibility
EN61000-4-3:
Level-3
Fast Transients/Bursts
EN61000-4-4:
Level-3
Radiated Emissions
Radiated:
Radiated with external core ((King core K5B RC
25x12x15-M in input cable)
Level A
Surge Susceptibility
EN61000-4-5:
Level-3
Harmonic Current
EN61000-3-2:
Class D
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output: for ITE application
Input to GND:
3000 VAC
1500 VAC
Safety Standards
Approved to the latest edition of the following
standards: CSA/UL60950-1, EN60950-1 and
IEC60950-1, Class1 SELV
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
Figure 1 – Derating Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com