Electronic Components Datasheet Search
  English  ▼

X  

MIC705 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC705
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC705 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC705_14 Datasheet HTML 1Page - Micrel Semiconductor MIC705_14 Datasheet HTML 2Page - Micrel Semiconductor MIC705_14 Datasheet HTML 3Page - Micrel Semiconductor MIC705_14 Datasheet HTML 4Page - Micrel Semiconductor MIC705_14 Datasheet HTML 5Page - Micrel Semiconductor MIC705_14 Datasheet HTML 6Page - Micrel Semiconductor MIC705_14 Datasheet HTML 7Page - Micrel Semiconductor MIC705_14 Datasheet HTML 8Page - Micrel Semiconductor MIC705_14 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC705/706/707/708
Ordering Information
Part Number
Threshold (V)
/RESET
RESET
WDI
Junction Temperature Range
Package
MIC705MY
4.65
√
√
−40°C to +85°C
8-Pin SOIC
MIC706MY
4.40
√
√
−40°C to +85°C
8-Pin SOIC
MIC707MY
4.65
√
√
−40°C to +85°C
8-Pin SOIC
MIC708MY
4.40
√
√
−40°C to +85°C
8-Pin SOIC
Pin Configuration
MIC705/706
8-Pin SOIC (M)
(Top View)
MIC707/708
8-Pin SOIC (M)
(Top View)
Pin Description
Pin Number
MIC706
Pin Number
MIC708
Pin Name
Pin Name
1
1
/MR
Manual reset input forces /RESET to assert when pulled below 0.8V. An internal
pull-up current of 250µA on this input forces it high when left floating. This input
can also be driven from TTL or CMOS logic.
2
2
VCC
Primary supply input, +5V.
3
3
GND
IC ground pin, 0V reference.
4
4
PFI
Power-Fail Input: Internally-connected to the power-fail comparator which is
referenced to 1.25V. The power-fail output (/PFO) remains high if PFI is above
1.25V. PFI should be connected to GND or VCC if the power-fail comparator is not
used.
5
5
/PFO
Power-Fail Output: The power-fail comparator is independent of all other function
on this device.
6
N/A
WDI
Watchdog Input. The WDI input monitors microprocessor activity; an internal
watchdog timer resets itself with each transition on the watchdog input. If the WDI
pin is held high or low for longer than the watchdog timeout period, /WDO is forced
to active low. The watchdog function can be disabled by floating the WDI pin.
N/A
6
N/C
Not internally connected.
September 15, 2014
2
Revision 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com