Electronic Components Datasheet Search
  English  ▼

X  

MIC706TMY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC706TMY
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706TMY Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC706TMY Datasheet HTML 1Page - Micrel Semiconductor MIC706TMY Datasheet HTML 2Page - Micrel Semiconductor MIC706TMY Datasheet HTML 3Page - Micrel Semiconductor MIC706TMY Datasheet HTML 4Page - Micrel Semiconductor MIC706TMY Datasheet HTML 5Page - Micrel Semiconductor MIC706TMY Datasheet HTML 6Page - Micrel Semiconductor MIC706TMY Datasheet HTML 7Page - Micrel Semiconductor MIC706TMY Datasheet HTML 8Page - Micrel Semiconductor MIC706TMY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC706P/R/S/, MIC708R/S/T
Electrical Characteristics
(3) (Continued)
VCC = 2.70V to 5.5V for MIC70_P/R; VCC = 3.00V to 5.5V for MIC70_S; VCC = 3.15V to 5.5V for MIC70_T.
TA = Operating Temperature Range, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
/MR Pulse Width (tMR)
VCC > 4.5V
500
ns
150
/MR Input Threshold
VIL
0.6
V
VIH
0.7 × VCC
/MR-to-Reset Output Delay (tMD)
750
ns
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
−25
0.01
+25
nA
/PFO Output Voltage
ISINK = 1.2mA
0.3
V
ISOURCE = 200µA
0.8 × VCC
May 28, 2014
5
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com