Electronic Components Datasheet Search
  English  ▼

X  

IR2171 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2171
Description  LINEAR CURRENT SENSING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2171 Datasheet(HTML) 2 Page - International Rectifier

  IR2171 Datasheet HTML 1Page - International Rectifier IR2171 Datasheet HTML 2Page - International Rectifier IR2171 Datasheet HTML 3Page - International Rectifier IR2171 Datasheet HTML 4Page - International Rectifier IR2171 Datasheet HTML 5Page - International Rectifier IR2171 Datasheet HTML 6Page - International Rectifier IR2171 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IR2171
ADVANCE INFORMATION
www.irf.com
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
-0.3
600
VBS
High side floating supply voltage
VS -0.3
25
VCC
Low side and logic fixed supply voltage
-0.3
25
VIN
Maximum input voltage between VIN+ and VIN-
-5
5
VPO
Digital PWM output voltage
COM -0.3
VCC +0.3
VIN-
VIN- input voltage (note 1)
Vs -5
VB+0.3
dV/dt
Allowable offset voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
8 lead SOIC
—
.625
8 lead PDIP
—
1.0
16 lead SOIC
—
1.25
RthJA
Thermal resistance, junction to ambient
8 lead SOIC
—
200
8 lead PDIP
—
125
16 lead SOIC
—
100
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
V
°C/W
Recommended Operating Conditions
The output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions.
W
°C
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
VS +13.0
VS +20
VS
High side floating supply offset voltage
note 2
600
VPO
Digital PWM output voltage
COM
VCC
VCC
Low side and logic fixed supply voltage
9.5
20
VIN
Input voltage between VIN+ and VIN-
-260
+260
mV
TA
Ambient temperature
-40
125
°C
V
Note 2: Logic operation for Vs of -5 to +600V. Logic state held for Vs of -5V to -VBS.
Note 1: Capacitors are required between VB and Vin-, and between VB and Vs pins when bootstrap power
is used. The external power supply, when used, is required between VB and Vin-, and between VB and Vs
pins.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com