Electronic Components Datasheet Search
  English  ▼

X  

LM2702 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2702
Description  TFT Panel Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2702 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2702 Datasheet HTML 11Page - National Semiconductor (TI) LM2702 Datasheet HTML 12Page - National Semiconductor (TI) LM2702 Datasheet HTML 13Page - National Semiconductor (TI) LM2702 Datasheet HTML 14Page - National Semiconductor (TI) LM2702 Datasheet HTML 15Page - National Semiconductor (TI) LM2702 Datasheet HTML 16Page - National Semiconductor (TI) LM2702 Datasheet HTML 17Page - National Semiconductor (TI) LM2702 Datasheet HTML 18Page - National Semiconductor (TI) LM2702 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Operation
CONTINUOUS CONDUCTION MODE
The LM2702 is a TFT Panel Module containing a
current-mode, PWM boost regulator. A boost regulator steps
the input voltage up to a higher output voltage. In continuous
conduction mode (when the inductor current never reaches
zero at steady state), the boost regulator operates in two
cycles.
In the first cycle of operation, shown in Figure 1 (a), the
transistor is closed and the diode is reverse biased. Energy
is collected in the inductor and the load current is supplied by
C
OUT.
The second cycle is shown in Figure 1 (b). During this cycle,
the transistor is open and the diode is forward biased. The
energy stored in the inductor is transferred to the load and
output capacitor.
The ratio of these two cycles determines the output voltage.
The output voltage is defined approximately as:
where D is the duty cycle of the switch, D and D' will be
required for design calculations
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a
resistor divider connected to the output as shown in the
typical operating circuit. The feedback pin voltage is 1.265V,
so the ratio of the feedback resistors sets the output voltage
according to the following equation:
SOFT-START CAPACITOR
The LM2702 has patented internal circuitry that is used to
limit the inductor inrush current on start-up of the boost
DC/DC switching regulator. This inrush current limiting cir-
cuitry serves as a soft-start. However, many applications
may require much more soft-start than what is available with
the internal circuitry. The external SS pin is used to tailor the
soft-start for a specific application. A 12µA current charges
the external soft-start capacitor, C
SS. The soft-start time can
be estimated as:
T
SS =CSS*0.6V/12µA
The minimum soft-start time is set by the internal soft-start
circuitry, typically 7ms. Only longer soft-start times may be
implemented using the SS pin and a capacitor C
SS.Ifa
shorter time is designed for using the above equation, the
internal soft-start circuitry will override it.
Due to the unique nature of the dual internal/external soft-
start, care was taken in the design to ensure temperature
stable operation. As you can see with the Iss data in the
Electrical Characterisitcs table and the graph "Soft-Start
Current vs. V
IN"inthe Typical Performance Characterisitcs
20051102
FIGURE 1. Simplified Boost Converter Diagram
(a) First Cycle of Operation (b) Second Cycle Of Operation
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com