Electronic Components Datasheet Search
  English  ▼

X  

MUX506IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MUX506IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX506IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button MUX506IPW Datasheet HTML 3Page - Texas Instruments MUX506IPW Datasheet HTML 4Page - Texas Instruments MUX506IPW Datasheet HTML 5Page - Texas Instruments MUX506IPW Datasheet HTML 6Page - Texas Instruments MUX506IPW Datasheet HTML 7Page - Texas Instruments MUX506IPW Datasheet HTML 8Page - Texas Instruments MUX506IPW Datasheet HTML 9Page - Texas Instruments MUX506IPW Datasheet HTML 10Page - Texas Instruments MUX506IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
MUX506, MUX507
www.ti.com
SBAS803 – NOVEMBER 2016
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
MUX50x
UNIT
PW (TSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
79.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.0
°C/W
RθJB
Junction-to-board thermal resistance
37.6
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
37.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
When VS is positive, VD is negative, and vice versa.
6.5 Electrical Characteristics: Dual Supply
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, IS = –1 mA
125
170
Ω
VS = ±10 V, IS = –1 mA
145
200
TA = –40°C to +85°C
230
TA = –40°C to +125°C
250
ΔRON
On-resistance mismatch
between channels
VS = ±10 V, IS = –1 mA
6
9
Ω
TA = –40°C to +85°C
14
TA = –40°C to +125°C
16
RFLAT
On-resistance flatness
VS = 10 V, 0 V, –10 V
20
45
Ω
TA = –40°C to +85°C
53
TA = –40°C to +125°C
58
On-resistance drift
VS = 0 V
0.62
Ω/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–1
–0.001
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–25
25
ID(OFF)
Output off-leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–1
–0.01
1
nA
TA = -40°C to +85°C
–10
10
TA = -40°C to +125°C
–25
25
ID(ON)
Output on-leakage current
Switch state is on,
VD = ±10 V, VS = floating
–1
–0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–50
50
LOGIC INPUT
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V
ID
Input current
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com