Electronic Components Datasheet Search
  English  ▼

X  

MUX506IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MUX506IPWR
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX506IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MUX506IPWR Datasheet HTML 17Page - Texas Instruments MUX506IPWR Datasheet HTML 18Page - Texas Instruments MUX506IPWR Datasheet HTML 19Page - Texas Instruments MUX506IPWR Datasheet HTML 20Page - Texas Instruments MUX506IPWR Datasheet HTML 21Page - Texas Instruments MUX506IPWR Datasheet HTML 22Page - Texas Instruments MUX506IPWR Datasheet HTML 23Page - Texas Instruments MUX506IPWR Datasheet HTML 24Page - Texas Instruments MUX506IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VDD
VDD
VSS
VSS
MUX506
A0
A1
A2
VEN
RS
VS
EN
S1
GND
CL
1 nF
D
VOUT
VOUT
VEN
3 V
VOUT
QINJ = CL ×
VOUT
Copyright © 2016, Texas Instruments Incorporated
0 V
A3
21
MUX506, MUX507
www.ti.com
SBAS803 – NOVEMBER 2016
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.8 Charge Injection
The MUX50x have a simple transmission-gate topology. Any mismatch in capacitance between the NMOS and
PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the gate
signal. The amount of charge injected into the source or drain of the device is known as charge injection, and is
denoted by the symbol QINJ. Figure 32 shows the setup used to measure charge injection.
Figure 32. Charge-Injection Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com