Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKGD3 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 20Page - Texas Instruments OPA820SKGD3 Datasheet HTML 21Page - Texas Instruments OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments OPA820SKGD3 Datasheet HTML 24Page - Texas Instruments OPA820SKGD3 Datasheet HTML 25Page - Texas Instruments OPA820SKGD3 Datasheet HTML 26Page - Texas Instruments OPA820SKGD3 Datasheet HTML 27Page - Texas Instruments OPA820SKGD3 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
OPERATING SUGGESTIONS
Optimizing Resistor Values
Since the OPA820 is a unity-gain stable, voltage-feedback operational amplifier, a wide range of resistor values
may be used for the feedback and gain-setting resistors. The primary limits on these values are set by dynamic
range (noise and distortion) and parasitic capacitance considerations. Usually, the feedback resistor value should
be between 200
Ω and 1 kΩ. Below 200 Ω, the feedback network will present additional output loading which can
degrade the harmonic distortion performance of the OPA820. Above 1 k
Ω, the typical parasitic capacitance
(approximately 0.2 pF) across the feedback resistor may cause unintentional band limiting in the amplifier
response. A direct short is suggested as a feedback for AV = +1 V/V.
A good rule of thumb is to target the parallel combination of RF and RG (see Figure 2) to be less than about
200
Ω. The combined impedance RF||RG interacts with the inverting input capacitance, placing an additional pole
in the feedback network, and thus a zero in the forward response. Assuming a 2-pF total parasitic on the
inverting node, holding RF||RG < 200 Ω will keep this pole above 400 MHz. By itself, this constraint implies that
the feedback resistor RF can increase to several kΩ at high gains. This is acceptable as long as the pole formed
by RF and any parasitic capacitance appearing in parallel is kept out of the frequency range of interest.
In the inverting configuration, an additional design consideration must be noted. RG becomes the input resistor
and therefore the load impedance to the driving source. If impedance matching is desired, RG may be set equal
to the required termination value. However, at low inverting gains, the resulting feedback resistor value can
present a significant load to the amplifier output. For example, an inverting gain of 2 with a 50-
Ω input matching
resistor (= RG) would require a 100-Ω feedback resistor, which would contribute to output loading in parallel with
the external load. In such a case, it would be preferable to increase both the RF and RG values, and then achieve
the input matching impedance with a third resistor to ground (see Figure 3). The total input impedance becomes
the parallel combination of RG and the additional shunt resistor.
Bandwidth vs Gain
Voltage-feedback operational amplifiers exhibit decreasing closed-loop bandwidth as the signal gain is increased.
In theory, this relationship is described by the GBP shown in the specifications. Ideally, dividing GBP by the
noninverting signal gain (also called the noise gain, or NG) will predict the closed-loop bandwidth. In practice, this
only holds true when the phase margin approaches 90
°, as it does in high-gain configurations. At low signal
gains, most amplifiers will exhibit a more complex response with lower phase margin. The OPA820 is optimized
to give a maximally-flat, 2nd-order Butterworth response in a gain of 2. In this configuration, the OPA820 has
approximately 64
° of phase margin and will show a typical −3-dB bandwidth of 240 MHz. When the phase
margin is 64
°, the closed-loop bandwidth is approximately √2 greater than the value predicted by dividing GBP
by the noise gain.
Increasing the gain will cause the phase margin to approach 90
° and the bandwidth to more closely approach the
predicted value of (GBP/NG). At a gain of +10, the 30-MHz bandwidth shown in the Electrical Characteristics
agrees with that predicted using the simple formula and the typical GBP of 280 MHz.
Output Drive Capability
The OPA820 has been optimized to drive the demanding load of a doubly-terminated transmission line. When a
50-
Ω line is driven, a series 50 Ω into the cable and a terminating 50-Ω load at the end of the cable are used.
Under these conditions, the cable impedance will appear resistive over a wide frequency range, and the total
effective load on the OPA820 is 100
Ω in parallel with the resistance of the feedback network. The electrical
characteristics show a
±3.6-V swing into this load—which will then be reduced to a ±1.8-V swing at the
termination resistor. The
±75-mA output drive over temperature provides adequate current drive margin for this
load. Higher voltage swings (and lower distortion) are achievable when driving higher impedance loads.
A single video load typically appears as a 150-
Ω load (using standard 75-Ω cables) to the driving amplifier. The
OPA820 provides adequate voltage and current drive to support up to three parallel video loads (50-
Ω total load)
for an NTSC signal. With only one load, the OPA820 achieves an exceptionally low 0.01%/0.03
° dG/dP error.
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com