Electronic Components Datasheet Search
  English  ▼

X  

LB1862 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1862
Description  Fan Motor Single-Phase Full-Wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1862 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1862 Datasheet HTML 1Page - Sanyo Semicon Device LB1862 Datasheet HTML 2Page - Sanyo Semicon Device LB1862 Datasheet HTML 3Page - Sanyo Semicon Device LB1862 Datasheet HTML 4Page - Sanyo Semicon Device LB1862 Datasheet HTML 5Page - Sanyo Semicon Device LB1862 Datasheet HTML 6Page - Sanyo Semicon Device LB1862 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB1862
No. 6208-2/7
Allowable Operating Ranges at Ta = 25˚C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
3.8 to 16.8
V
ST input High level voltage
STH
3 to 14
V
ST input Low level voltage
STL
–0.3 to +0.4
V
Hall input common mode input
VICM
0.2 to VCC–1.5
V
voltage range
Electrical Characteristics at Ta = 25˚C, VCC = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC
In drive mode (CT = [L], ST = [L])
6.5
9.1
mA
In lockup protection mode (CT = [H], ST = [L])
2.2
3.1
mA
In standby mode (ST = [H])
110
150
µA
Lockup detection
ICT1
1.9
2.8
3.7
µA
capacitor charge current
Capacitor discharge current
ICT2
0.32
0.46
0.60
µA
Capacitor charge/discharge current ratio
RCT
RCT = ICT1/ICT2
5.0
6.0
7.0
CT charge voltage
VCT1
2.55
2.75
2.95
V
CT discharge voltage
VCT2
1.6
1.8
2.0
V
Output Low level voltage
VOL
IO = 200 mA
0.2
0.3
V
Output High level voltage
VOH
IO = 200 mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value
7
15
mV
(Including offset and hysteresis)
RD output pin Low voltage
VRD
IRD = 5 mA
0.1
0.3
V
RD output pin leakage current
IRDL
VRD = 15V
30
µA
HB output Low voltage
VHBL
IHB = 5 mA
1.0
1.3
V
ST pin input current
IST
VST = 5V
75
100
µA
0.2
0
0.4
0.6
0.8
1.0
1.2
–30
0
30
60
90
120
Pd max – Ta
Ambient temperature, Ta –
°C
0.52



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com