Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDCKT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333AIDCKT
Description  SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333AIDCKT Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF3333AIDCKT Datasheet HTML 14Page - Texas Instruments REF3333AIDCKT Datasheet HTML 15Page - Texas Instruments REF3333AIDCKT Datasheet HTML 16Page - Texas Instruments REF3333AIDCKT Datasheet HTML 17Page - Texas Instruments REF3333AIDCKT Datasheet HTML 18Page - Texas Instruments REF3333AIDCKT Datasheet HTML 19Page - Texas Instruments REF3333AIDCKT Datasheet HTML 20Page - Texas Instruments REF3333AIDCKT Datasheet HTML 21Page - Texas Instruments REF3333AIDCKT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
±80
±60
±40
±20
0
1
10
100
1 K
10 K
100 K
Frequency (Hz)
C00
±80
±70
±60
±50
±40
±30
±20
±10
0
1
10
100
1 K
10 K
100 K
1,000 K
Frequency (Hz)
C00
18
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392F – AUGUST 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
10.2.1.3.2
AC Performance
The ac transfer function for the attenuation and level-shifting circuit is shown in Figure 23.
The low-frequency ac CMRR performance is measured to be 62 dB, as shown in Figure 24.
Figure 23. Measured AC Transfer Function
Figure 24. Measured AC CMRR Results
11 Power-Supply Recommendations
The REF33xx family of voltage references features extremely low dropout voltage, except for the REF3312. The
REF3312 has a minimum supply requirement of 1.7 V. These references can be operated with a supply 110 mV
above the output voltage with a 5-mA load (typical). For loaded conditions, a typical dropout voltage versus load
graph is illustrated in Figure 4 of the Typical Characteristics.
If the supply voltage connected to the IN pin is rapidly moved when the REF33xx is connected to a capacitive
load, a reverse voltage can discharge through the OUT pin and into the REF33xx. This voltage does not damage
the REF33xx, provided that the voltage is less than or equal to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com