Electronic Components Datasheet Search
  English  ▼

X  

LT1085MSM Datasheet(PDF) 2 Page - Seme LAB

Part # LT1085MSM
Description  3 AMP POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1085MSM Datasheet(HTML) 2 Page - Seme LAB

  LT1085MSM Datasheet HTML 1Page - Seme LAB LT1085MSM Datasheet HTML 2Page - Seme LAB LT1085MSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 4/95
LT1085M
MILITARY VERSION
VO 4
Output Voltage
VREF 4
Reference Voltage
REG(LINE) 4
Line Regulation
REG(LOAD) 4 Load Regulation
VD
Dropout Voltage
ICL
Current Limit
IQ
Quiescent Current
REG(THERM) Thermal Regulation
IPIN
Adjust Pin Current
DIPIN
Adjust Pin Current Change
TS
Temperature Stability
IO
Minimum Load Current
VN
RMS Output Noise 5
RA
Ripple Rejection Ratio 6
VIN – VOUT = 6.3V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 8V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 15V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = VO + 3V
IO = 10mA
IO = 10mA to 3A
TJ = Over Temp 3
VIN – VOUT = 1.5 to 15V
TJ = 25°C
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 1.5 to 35V
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 3V
TJ = 25°C
VIN – VOUT = 3V
TJ = Over Temp 3
DVOUT , DVREF = 1%
TJ = Over Temp 3
VIN – VOUT = 5V
TJ = Over Temp 3
VIN – VOUT = 25V
TJ = Over Temp 3
VIN – VOUT = 35V
TJ = Over Temp 3
tp = 30ms
TJ = 25°C
TJ = 25°C
TJ = Over Temp 3
TJ = Over Temp 3
VIN – VOUT = 5V
IO = 0.5A
TJ = Over Temp 3
VIN – VOUT = 25V
IO = 0.5A
TJ = Over Temp 3
TJ = 25°C
VIN – VOUT = 3V
IO = 3A
TJ = Over Temp 3
3.267
3.3
3.333
3.234
3.3
3.366
4.95
5
5.05
4.90
5
5.10
11.88
12
12.12
11.76
12
12.24
1.238
1.25
1.262
1.225
1.25
1.270
0.015
0.2
0.035
0.05
0.6
0.1
0.3
0.2
0.4
1.3
1.5
3.2
4.0
0.2
0.5
10
0.002
0.01
55
120
0.2
5
0.5
510
0.003
60
75
3.3
5
12
ADJ.
Output
Parameter
Voltage Test Conditions 1,2
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS
(TJ = 25°C Unless otherwise stated)
V
V
%
%
%
V
A
mA
% / W
mA
mA
%
mA
%VO
dB
Notes
1.
Test Conditions unless otherwise stated:
VIN = 1.5 to 35V, or Maximum Input, whichever is less.
IO = 10mA to 3A.
2.
These specifications are only applicable for power dissipations of 30 Watts over a limited range of VIN – VOUT.
3.
Over Temp. = Over specified Junction Temperature Range (See Absolute Maximum Ratings).
4.
Low duty cycle pulse test with Kelvin connections required. Changes in output voltage are covered under the specification
for thermal regulation.
5.
Bandwidth of 10Hz to 10kHz.
6.
120Hz input ripple, 15V = 64dB min. COUT (CADJ) = 25mF.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com