Electronic Components Datasheet Search
  English  ▼

X  

TO220 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # TO220
Description  CONTROLLING DIMENSION IS MILLIMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

TO220 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  TO220 Datasheet HTML 1Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - TO220

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
TO220 GMT-TO220 Datasheet
127Kb / 1P
Package Outline
logo
ABL Aluminium Component...
TO220 ABL-TO220 Datasheet
106Kb / 1P
Board Mount PPN Heat Sinks
logo
List of Unclassifed Man...
TO220AB ETC-TO220AB Datasheet
24Kb / 1P
PACKAGE MECHANICAL DATA
logo
STMicroelectronics
TO220AC STMICROELECTRONICS-TO220AC Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Fairchild Semiconductor
TO220AC FAIRCHILD-TO220AC Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
More results

Similar Description - TO220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
QFN52 ONSEMI-QFN52 Datasheet
64Kb / 2P
CONTROLLING DIMENSION MILLIMETERS
February, 2010 ??Rev. 01C
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN1.8X1.4A_10L AOSMD-QFN1.8X1.4A_10L Datasheet
73Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.1X1.6_10L AOSMD-QFN2.1X1.6_10L Datasheet
77Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN3X3_16L AOSMD-QFN3X3_16L Datasheet
74Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
MILLIMETER [ INCH ]
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com