Electronic Components Datasheet Search
  English  ▼

X  

LM2704 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2704
Description  Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2704 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2704 Datasheet HTML 1Page - National Semiconductor (TI) LM2704 Datasheet HTML 2Page - National Semiconductor (TI) LM2704 Datasheet HTML 3Page - National Semiconductor (TI) LM2704 Datasheet HTML 4Page - National Semiconductor (TI) LM2704 Datasheet HTML 5Page - National Semiconductor (TI) LM2704 Datasheet HTML 6Page - National Semiconductor (TI) LM2704 Datasheet HTML 7Page - National Semiconductor (TI) LM2704 Datasheet HTML 8Page - National Semiconductor (TI) LM2704 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
7.5V
SW Voltage
21V
FB Voltage
2V
SHDN Voltage
7.5V
Maximum Junction Temp. T
J
(Note 2)
150˚C
Lead Temperature
(Soldering 10 sec.)
300˚C
Vapor Phase
(60 sec.)
215˚C
Infrared
(15 sec.)
220˚C
ESD Ratings (Note 3)
Human Body Model
Machine Model (Note 4)
2kV
200V
Operating Conditions
Junction Temperature
(Note 5)
−40˚C to +125˚C
Supply Voltage
2.2V to 7V
SW Voltage Max.
20.5V
Electrical Characteristics (Note 5)
Specifications in standard type face are for T
J = 25˚C and those in boldface type apply over the full Operating Temperature
Range (T
J = −40˚C to +125˚C). Unless otherwise specified. VIN =2.2V.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
I
Q
Device Disabled
FB = 1.3V
40
70
µA
Device Enabled
FB = 1.2V
235
300
Shutdown
SHDN = 0V
0.01
2.5
V
FB
Feedback Trip Point
1.189
1.237
1.269
V
I
CL
Switch Current Limit
490
420
550
610
620
mA
I
B
FB Pin Bias Current
FB = 1.23V (Note 7)
30
120
nA
V
IN
Input Voltage Range
2.2
7.0
V
R
DSON
Switch R
DSON
0.7
1.6
Ω
T
OFF
Switch Off Time
400
ns
I
SD
SHDN Pin Current
SHDN = V
IN,TJ = 25˚C
080
nA
SHDN = V
IN,TJ = 125˚C
15
SHDN = GND
0
I
L
Switch Leakage Current
V
SW = 20V
0.05
5
µA
UVP
Input Undervoltage Lockout
ON/OFF Threshold
1.8
V
V
FB
Hysteresis
Feedback Hysteresis
8
mV
SHDN
Threshold
SHDN low
0.7
0.3
V
SHDN High
1.1
0.7
θ
JA
Thermal Resistance
220
˚C/W
Note 1: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance. The maximum allowable power dissipation at any ambient
temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: ESD susceptibility using the machine model is 150V for SW pin.
Note 5: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 6: Typical numbers are at 25˚C and represent the most likely norm.
Note 7: Feedback current flows into the pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com