Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN User Network Interface for J2/E3/T3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7347 Datasheet HTML 1Page - PMC-Sierra, Inc PM7347 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-990996 (R2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 1999 PMC-Sierra, Inc.
PM7347
PMC-Sierra,Inc.
SATURN User Network Interface for J2/E3/T3
S/UNI-JET
FEATURES
• Single-chip ATM User Network
Interface (UNI) operating at 44.736
Mbit/s, 34.368 Mbit/s, and 6.312 Mbit/s
conforming to ATMF-95-1207R1,
ATMF-94-0406R5, and
AF-PHY-0029.000.
• Provides on-chip DS3, E3 (G.751 and
G.832), and J2 framers. Can be
configured for use solely as a framer.
When configured in framer mode,
gapped transmit and receive clocks
can be generated for interfaces that
need access only to payload data bits.
• Supports bypass of the internal
framers and supports connections to
an arbitrary-rate external transmission
system interface up to a rate of 52
Mbit/s. This lets the S/UNI-JET be
used as an ATM cell delineator.
• Implements ATM direct-cell mapping
into T1, DS3, E1, E3, and J2
transmission systems according to
ITU-T Recommendation G.804.
• Provides a SCI-PHY and 50 MHz
UTOPIA Level 2 compatible 8- or
16-bit ATM-PHY Interface.
• Implements the Physical Layer
Convergence Protocol (PLCP) for T1
and DS3 transmission systems
according to the ATM Forum UNI
Specification and ANSI
TA-TSY-000773, TA-TSY-000772, and
for E1 and E3 transmission systems
according to ETSI 300-269 and ETSI
300-270.
• Implements the ATM physical layer for
broadband ISDN according to ITU-T
Recommendation I.432.
• Uses the PM4341 T1XC, PM6341
E1XC, PM4351 COMET, and framer/
line interface chips for T1 and E1
applications.
• Provides seamless interface to the
VORTEX DSLAM chipset,
S/UNI®-ATLAS, and
S/UNI-RCMP-200.
• Provides programmable
pseudo-random test pattern
generation, detection, and analysis
features.
• Provides integral transmit and receive
HDLC controllers with 128-byte FIFO
depths.
• Provides performance monitoring
counters suitable for accumulation
periods up to one second.
• Provides an 8-bit microprocessor
interface for configuration, control, and
status monitoring.
• Provides a standard 5-signal P1149.1
JTAG test port for boundary scan
board-test purposes.
• Low power 3.3 V CMOS technology
with 5 V-tolerant inputs.
• Available in a high density 256-pin
SBGA package (27 mm by 27 mm).
• Rated for industrial temperature
operation.
APPLICATIONS
• DSLAM Uplinks
• Enterprise ATM/PPP Uplinks
• ATM or Frame Relay Switches,
Multiplexers, and Routers
• DS3/E3/J2 PPP Internet Access
Interfaces
• DS3/E3/J2 Frame Relay Interfaces
BLOCK DIAGRAM
RSOC
RPRTY
RDAT[15:0]
DRCA
RBOC
Receive
PHY_ADR[2:0
ATM8
TENB
TFCLK
TPRTY
TSOC
TCA
TADR[2:0]
TRAN
J2, E3, or DS3
Line
MPIF
Microprocessor
RCLK
RPOS/RDAT
RNEG/RLCV/
ROHM
TPOS/TDATO
TNEG/TOHM
TCLK
Trans-
mit
TDPR
Transmit
XBOC
Receive
1/2 TTB
Trans-
Line
FRMR
J2, E3, or DS3
Receive
O/H
PMON
Perfor-
RFDL
Receive
1/2 TTB
Receive
SPLT
Transmit
ATM and
CPPM
PLCP/
cell
System
RXCP_
50
Receive
RXFF
Receive
4
-Cell
TXCP_
50
Trans-
TXFF
Trans-
mit
ATMF/SPLR
Receive
ATM and
IEEE
P1149.1
RFCLK
RADR[2:0]
RCA
SIG T1: TPOHINS
SIG T2: TPOH/TDAT
SIG T3: TIOHM/TFP/TMFP
SIG T4: TICLK
SIG T5: TPOHCLK
SIG T6: TPOHFP/TFPO/TMFPO/TGAPCLK/TCELL
SIG T7: REF8KI
TDAT[15:0]
RENB
SIG R1: FRMSTAT
SIG R2: RPOHCLK/RSCLK/RGAPCLK
SIG R3: REF8KO/RPOHFP/RFPO/RMFPO
SIG R4: RPOH/ROVRHD
SIG R5: LCD/RDATO
DTCA


Similar Part No. - PM7347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7347 PMC-PM7347 Datasheet
1Mb / 341P
SATURN USER NETWORK INTERFACE for J2/E3/T3
PM7347-BI PMC-PM7347-BI Datasheet
1Mb / 341P
SATURN USER NETWORK INTERFACE for J2/E3/T3
More results

Similar Description - PM7347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM7345 PMC-PM7345 Datasheet
74Kb / 2P
SATURN User Network Interface for PDH Applications
PM7346 PMC-PM7346 Datasheet
2Mb / 419P
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PM7347 PMC-PM7347 Datasheet
1Mb / 341P
SATURN USER NETWORK INTERFACE for J2/E3/T3
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com