Electronic Components Datasheet Search
  English  ▼

X  

PM7367 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7367
Description  32 link, 32 Channel Data Link Manager with PCI Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7367 Datasheet HTML 1Page - PMC-Sierra, Inc PM7367 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM7367
PMC-Sierra,Inc.
32 link, 32 Channel Data Link Manager with PCI Interface
FREEDM-32P32
PMC-2000358 (r2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001
FEATURES
• High density HDLC controller ideal for
Internet access, Frame Relay, and
Multiservice Switch equipment
supporting rates ranging from 56 Kbit/s
to 52 Mbit/s.
• Supports 32 full-duplex and
independently-timed links.
• Supports 32 full-duplex HDLC or
transparent channels.
• Supports a TimePipe
 architecture
that enables any physical link to be
flexibly mapped to one or more HDLC
channels.
• Provides 8 KB partial packet FIFO in
each transmit and receive direction to
compensate for PCI bus latency during
data transfers. The 8 KB partial packet
FIFO is arranged as 512 blocks of 16-
byte buffers.
• The TimePipe architecture supports
programmable assignment of partial
packet buffers to HDLC channels.
• Two physical links can support up to
52 Mbit/s; the remaining 30 physical
links can individually support up to
10 Mbit/s.
• Supports a mix of channelized and
unchannelized links.
• The maximum aggregate clock rate is
64 MHz. When the device is interfaced
to two T3 or HSSI links, the maximum
aggregate clock rate is 104 MHz.
• For channelized operation, the channel
assignment supports up to 24 timeslots
for a T1 link and 31 timeslots for an E1
link. Timeslots assigned to a common
HDLC channel can be noncontiguous.
• Performs flag delineation, bit de-
stuffing, CRC verification using either
CRC-32 or CRC-CCITT algorithm, and
length checking on receive HDLC
channels.
• Performs flag insertion, bit stuffing, and
FCS calculation using either CRC-32
or CRC-CCITT algorithm and length
checking on transmit HDLC channels.
• On the system side, provides a
33 MHz, 32-bit PCI 2.1 compatible bus
interface.
• Implements efficient transmit and
receive DMA controllers to support
burst data transfers between partial
packet FIFO and packet memory.
• Supports scatter-gather capabilities
whereby a packet can span multiple
buffers.
• Supports line-side loopback on a per-
link basis and system-side loopback on
a per-HDLC channel basis.
• Software-compatible with the PM7364
FREEDM-32
.
• Provides a standard 5-signal P1149.1
JTAG test port for boundary scan test
board purposes.
• Implemented in low power 3.3 V
CMOS technology with 5 V-tolerant
inputs.
• Packaged in a 272-pin Plastic Ball Grid
Array (PBGA) package.
APPLICATIONS
• Ideal for applications requiring HDLC,
PPP, and transparent protocol
processing for physical links, such as
T1, E1, T3, E3, xDSL, and HSSI.
• Frame-based Interfaces for Internet
Access and Multiservice Switch
equipment.
• FUNI or Frame Relay service
interworking interfaces for ATM
switches and multiplexers.
BLOCK DIAGRAM
PCIINTB
PCICLK
PCICLKO
SYSCLK
PERRB
SERRB
REQB
GNTB
STOPB
DEVSELB
IDSEL
LOCKB
JTAG Port
GPIC
PCI
Controller
RMAC
Receive
DMA
Controller
PMON
Performance Monitor
TimePipe Architecture
RHDL
Receive HDLC
Processor/
Partial Packet Buffer
THDL
Transmit HDLC
Processor/
Partial Packet Buffer
TCAS
Transmit
Channel Assigner
RCAS
Receive
Channel Assigner
TMAC
Transmit
DMA
Controller
PAR
FRAMEB
TRDYB
IRDYB
AD[31:0]
C/BEB[3:0]
TD[31:0]
TCLK[31:0]
RCLK[31:0]
RD[31:0]


Similar Part No. - PM7367

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7367 PMC-PM7367 Datasheet
49Kb / 4P
32 link, 32 Channel Data Link Manager with PCI Interface
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7367-PI PMC-PM7367-PI Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
More results

Similar Description - PM7367

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
49Kb / 4P
32 link, 32 Channel Data Link Manager with PCI Interface
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7381 PMC-PM7381 Datasheet
1Mb / 2P
32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
Frame Engine and Data Link Manager
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
Frame Engine and Data Link Manager
PM7385 PMC-PM7385 Datasheet
2Mb / 244P
84 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com