Electronic Components Datasheet Search
  English  ▼

X  

33390 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 33390
Description  Class B Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33390 Datasheet(HTML) 2 Page - Motorola, Inc

  33390 Datasheet HTML 1Page - Motorola, Inc 33390 Datasheet HTML 2Page - Motorola, Inc 33390 Datasheet HTML 3Page - Motorola, Inc 33390 Datasheet HTML 4Page - Motorola, Inc 33390 Datasheet HTML 5Page - Motorola, Inc 33390 Datasheet HTML 6Page - Motorola, Inc 33390 Datasheet HTML 7Page - Motorola, Inc 33390 Datasheet HTML 8Page - Motorola, Inc 33390 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
33390
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33390 Simplified Block Diagram
33390
Voltage
Regulator
Bus
Driver
Thermal
Shutdown
Waveshaping
Filter
BUS
4.5 V
Reference
VBAT
SLEEP
Tx
Rx
4X/LOOP
4X Enable
Loopback
Digital Output
Driver
Loss of Ground
Protection
GND
LOAD
Note This device contains approximately 400 active transistors and 250 gates.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com