Electronic Components Datasheet Search
  English  ▼

X  

AD1500-9TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # AD1500-9TO
Description  APD with 1.77 mm짼 active area
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD1500-9TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD1500-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD1500-9TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD1500-9 TO
Part Description AD1500-9 TO
Order # 501208
Order # 501208
Version 20-06-11
Version 20-06-11
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias and temperature
Dark current as fct of bias and temperature
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
F +1 818 889 7053
T +1 818 706 3400
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
CA 91362 USA
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
0,0
20,0
40,0
60,0
80,0
100,0
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
100
200
0
10
20
30
40
50
60
70
80
90
100
Reverse bias (V)
1
10
100
1.000
20
40
60
80
100
120
140
160
180
200
220
240
260
Reverse bias (V)
23°C
40°C
60°C
1,0E-11
1,0E-10
1,0E-09
1,0E-08
1,0E-07
1,0E-06
20
40
60
80
100
120
140
160
180
200
220
240
260
Reverse bias (V)
23°C
40°C
60°C
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com