Electronic Components Datasheet Search
  English  ▼

X  

AD1900-8TO Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # AD1900-8TO
Description  APD with 3 mm짼 active area
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD1900-8TO Datasheet(HTML) 2 Page - Sensortechnics GmbH

  AD1900-8TO Datasheet HTML 1Page - Sensortechnics GmbH AD1900-8TO Datasheet HTML 2Page - Sensortechnics GmbH AD1900-8TO Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD1900-8 TO
Part Description AD1900-8 TO
Order # 500015
Order # 500015
Version 09-12-10
Version 09-12-10
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
F +49 30 639923-752
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
First Sensor AG
T +1 818 706 3400
Westlake Village
5700 Corsa Avenue #105
First Sensor Inc.
USA:
CA 91362 USA
F +1 818 889 7053
0,0
20,0
40,0
60,0
80,0
100,0
400 450 500 550 600 650 700 750 800 850 900 950 100010501100
Wavelength (nm)
0
50
100
150
200
250
300
350
400
0
10
20
30
40
50
60
Reverse bias (V)
1
10
100
1.000
20
30
40
50
60
70
80
90
100
110
120
Reverse bias [V]
1,0E-10
1,0E-09
1,0E-08
1,0E-07
20
30
40
50
60
70
80
90
100
110
120
Reverse bias [V]
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com