Electronic Components Datasheet Search
  English  ▼

X  

SL52 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SL52
Description  Plastic package Underwirters Laboratory Flammability Classification 94V-0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SL52 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SL52 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SL52 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L
version: 01
.
SL58
SL54
SL5 2 THRU SL5 20
0.4
LOW VF
RE
T
At Rated DC Blocking Voltage
@T =125
Peak Reverse Current
@T =25
Case: molded plastic SMAF
Plastic package Underwirters Laboratory
Flammability Classification 94V-0
·
Low power loss,high efficiency
·
High surge capacity
·
·
High current capacity
,low VF
For use in low voltage high frequency inverters,free wheeling and
polarity protection applications.
·
High temperature soldring guaranteed:260℃/10 seconds at terminals
Mechanical Data
·
Low profile package
·
Built-in strain relief
Features
·
·
For surface mounted applications
·
Metal to silicon rectifier.majority carrier conduction
UNIT
V
A
A
V
mA
℃
Maximum DC blocking voltage
VDC
·
Polarity: Color band denotes postives end(cathode)
·
Standard packaging:12mm tape(EIA-481)
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
·
Io
5.0
IFSM
120
0.45
VFM
IR
40
RθJA
℃
/W
Maximum thermal resistance per leg (Note 2)
-55 to +150
Note:
www.dyelec.com
1. Pulse Test with PW=300μsec,2% Duty Cycle.
2. Mounted on P.C.Board with 5.0mm2(.013mm thick)copper pad areas.
Terminal: Plated leads, solderable per MIL-
STD-750,Method 2026
Maximum Ratings and Electrical Characteristics
TYPE NUMBER
SYMBOL
Rating at 25℃ ambient temperature unless otherwise
specified. Single Phase, half wave, 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
1 of 2
Average Rectified Output Current
@T =90℃
0.7
0.83
Operating and storage temperature range
TJ
TSTG
SL52
SL56
SL510
20
40
60
80
100
20
40
60
80
100
14
28
42
56
70
0.5
0.1
10.0
SMAF
Dimiensions in inches and (milimeters)
℃
℃
Forward Voltage per element
@IF=5.0A(Note 1)
AMP SURFACE MOUNT
SCHO TKY
5 0
A
A
COVERY RECTIFIER
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
SL515
150
150
105
0.55
-55 to +125
-55 to +150
0.85
SL520
200
140
200
·


Similar Part No. - SL52

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SL52 DAESAN-SL52 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SL52-3G DIOTEC-SL52-3G Datasheet
131Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
Sangdest Microelectroni...
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
logo
SMC Diode Solutions Co....
SL520A SMCDIODE-SL520A Datasheet
195Kb / 3P
SL520A SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - SL52

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com