Electronic Components Datasheet Search
  English  ▼

X  

LM2722 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2722
Description  High Speed Synchronous/Asynchronous MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2722 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2722 Datasheet HTML 1Page - National Semiconductor (TI) LM2722 Datasheet HTML 2Page - National Semiconductor (TI) LM2722 Datasheet HTML 3Page - National Semiconductor (TI) LM2722 Datasheet HTML 4Page - National Semiconductor (TI) LM2722 Datasheet HTML 5Page - National Semiconductor (TI) LM2722 Datasheet HTML 6Page - National Semiconductor (TI) LM2722 Datasheet HTML 7Page - National Semiconductor (TI) LM2722 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2722
High Speed Synchronous/Asynchronous MOSFET Driver
General Description
The LM2722, part of the LM2726 family, is designed to be
used with multi-phase controllers. This part differs from the
LM2726 by changing the functionality of the SYNC_EN pin
from a whole chip enable to a low side MOSFET enable. As
a result, the SYNC_EN pin now provides control between
Synchronous and Asynchronous operations. Having this
control can be advantageous in portable systems since
Asynchronous operations can be more efficient at very light
loads.
The LM2722 drives both top and bottom MOSFETs in a
push-pull structure simultaneously. It takes a logic level
PWM input and splits it into two complimentary signals with
a
typical
20ns
dead
time
in
between. The
built-in
cross-conduction protection circuitry prevents the top and
bottom
FETs
from
turning
on
simultaneously.
The
cross-conduction protection circuitry detects both the driver
outputs and will not turn on a driver until the other driver
output is low. With a bias voltage of 5V, the peak sourcing
and sinking current for each driver of the LM2722 is typically
3A. In an SO-8 package, each driver is able to handle 50mA
average current. Input UVLO (Under-Voltage-Lock-Out)
forces both driver outputs low to ensure proper power-up
and power-down operation. The gate drive bias voltage
needed by the high side MOSFET is obtained through an
external bootstrap. Minimum pulse width is as low as 55ns.
Features
n
Synchronous or Asynchronous Operation
n
Adaptive shoot-through protection
n
Input Under-Voltage-Lock-Out
n
Typical 20ns internal delay
n
Plastic 8-pin SO package
Applications
n
Driver for LM2723 Intel Mobile Northwood CPU core
power supply.
n
High Current DC/DC Power Supplies
n
High Input Voltage Switching Regulators
n
Fast Transient Microprocessors
Typical Application
20028901
Note: National is an Intel Mobile Voltage Positioning (IMVP) licensee.
December 2001
© 2001 National Semiconductor Corporation
DS200289
www.national.com


Similar Part No. - LM2722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222 TI-LM27222 Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222 TI2-LM27222 Datasheet
678Kb / 21P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
REVISED MARCH 2013
logo
National Semiconductor ...
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222M TI-LM27222M Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Similar Description - LM2722

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
SC1211 SEMTECH-SC1211_03 Datasheet
513Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com