Electronic Components Datasheet Search
  English  ▼

X  

SS32 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SS32
Description  Schottky Brrier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS32 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS32 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS32 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C J
RRM
V
A
STG
J
JL
@T =100
@T =25
@T =90
0
RECTIFIER
5
10
0.05
0.1
.0
80A
plastic SMA
@IF=3.0A
80
3.0
SS
SS
SS
SS
SS
SS
SS
SS
SS
3
T
THRU
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
℃
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance
(Note 2)
28.0
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
105
70
56
150
100
80
80
60
35
40
40
20
30
50
60
14
21 28
42
20
30
50
100 150
0.95
0.85
0.55
0.7
SS32
SS32
SURFACE MOUNT SCHOTTKY BARRIER
(Note1)
AMP
A
A
pF
Typical Thermal Resistance per leg
32
33
34
345
35
36
38 310 315 320 325
SS
SS
45
45
31
140
200
200
175
250
250
5
5
0.92
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - SS32

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS32 SSE-SS32 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS32 GE-SS32 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32 MCC-SS32 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS32

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
500mA Schottky Brrier Diode
logo
DIYI Electronic Technol...
KMB12F DYELEC-KMB12F Datasheet
1Mb / 2P
Schottky Brrier Chip
KMB22F DYELEC-KMB22F Datasheet
1Mb / 2P
Schottky Brrier Chip
KMB32M DYELEC-KMB32M Datasheet
1Mb / 2P
Schottky Brrier Chip
S12 DYELEC-S12 Datasheet
1Mb / 2P
Schottky Brrier Chip
S22U DYELEC-S22U Datasheet
1Mb / 2P
Schottky Brrier Chip
S52 DYELEC-S52 Datasheet
1Mb / 2P
Schottky Brrier Chip
SS12U DYELEC-SS12U Datasheet
1Mb / 2P
Schottky Brrier Chip
SS22T DYELEC-SS22T Datasheet
1Mb / 2P
Schottky Brrier Chip
SS52T DYELEC-SS52T Datasheet
1Mb / 2P
Schottky Brrier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com