Electronic Components Datasheet Search
  English  ▼

X  

PCA9501D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9501D
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9501D Datasheet HTML 1Page - NXP Semiconductors PCA9501D Datasheet HTML 2Page - NXP Semiconductors PCA9501D Datasheet HTML 3Page - NXP Semiconductors PCA9501D Datasheet HTML 4Page - NXP Semiconductors PCA9501D Datasheet HTML 5Page - NXP Semiconductors PCA9501D Datasheet HTML 6Page - NXP Semiconductors PCA9501D Datasheet HTML 7Page - NXP Semiconductors PCA9501D Datasheet HTML 8Page - NXP Semiconductors PCA9501D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2
2003 Sep 12
FEATURES
• 8 general purpose input/output expander/collector
• Replacement for PCF8574 with integrated 2-kbit EEPROM
• Internal 256 × 8 EEPROM
• Self timed write cycle (5 ms typ)
• 16 byte page write operation
• I2C and SMBus interface logic
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active low interrupt output
• 6 address pins allowing up to 64 devices on the I2C/SMBus
• No glitch on power-up
• Supports hot insertion
• Power-up with all channels configured as inputs
• Low standby current
• Operating power supply voltage range of 2.5 V to 3.6 V
• 5 V tolerant inputs/outputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO20, TSSOP20, HVQFN20
DESCRIPTION
The PCA9501 is an 8-bit I/O expander with an on-board 2-kbit
EEPROM.
The I/O expandable eight quasi bidirectional data pins can be
independently assigned as inputs or outputs to monitor board level
status or activate indicator devices such as LEDs. The system
master writes to the I/O configuration bits in the same way as for the
PCF8574. The data for each Input or Output is kept in the
corresponding Input or Output register. The system master can read
all registers.
The EEPROM can be used to store error codes or board
manufacturing data for read-back by application software for
diagnostic purposes and are included in the I/O expander package.
The PCA9501 Active-LOW open-drain interrupt output is activated
when any input state differes from its corresponding input port
register state. It is used to indicate to the system master that an
input state has changed and the device needs to be interrogated.
The PCA9501 has six address pins with internal pull-up resistors
allowing up to 64 devices to share the common two wire I2C
software protocol serial data bus. The fixed GPIO address starts
with “1” and the fixed EEPROM I2C address starts with “0”, so the
PCA9501 appears as two separate devices to the bus master.
The PCA9501 supports hot insertion to facilitate usage in removable
cards on backplane systems.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
20-pin plastic SO
-40 to +85
°C
PCA9501D
PCA9501D
SOT163-1
20-Pin Plastic TSSOP
-40 to +85
°C
PCA9501PW
PCA9501
SOT360-1
20-Pin Plastic HVQFN
-40 to +85
°C
PCA9501BS
9501
SOT662-1
Standard packing quantities and other packaging data are available at www.philipslogic.com/packaging.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com