Electronic Components Datasheet Search
  English  ▼

X  

MAX97200A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX97200A
Description  20mW Class G Headphone Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97200A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX97200A Datasheet HTML 1Page - Maxim Integrated Products MAX97200A Datasheet HTML 2Page - Maxim Integrated Products MAX97200A Datasheet HTML 3Page - Maxim Integrated Products MAX97200A Datasheet HTML 4Page - Maxim Integrated Products MAX97200A Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAX97200A Evaluation Kit
2 ______________________________________________________________________________________
Quick Start
Recommended Equipment
•
1.8VDCsupply
•
Stereoaudiosignalsource
•
Pairofstereoheadphones
Procedure
The MAX97200A EV kit is fully assembled and test-
ed. Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1)
Verify that shunts are installed as follows:
JU1: Installed (device enabled)
2)
Set the power-supply output to 1.8V.
3)
Disable the power-supply output.
4)
Connect the power-supply ground to the GND pad
and the power-supply positive output to the VIN pad
on the EV kit.
5)
Connect the headphones to the stereo headphone
jack (J1) provided on the EV kit.
6)
Verify that the audio source output is disabled.
7)
Connect the left channel of the stereo audio source
to INL.
8)
Connect the right channel of the stereo audio
source to INR.
9)
Connect the ground of the stereo audio source to
GND.
10) Enable the stereo audio source.
11) Enable the power-supply output.
12) Verify that the headphones are playing the audio
source signal.
Jumper Configuration
Headphone Amplifier Shutdown
Jumper JU1 enables or disables the headphone ampli-
fier. See Table 1 for jumper JU1 configuration.
Table 1. Shutdown Input (JU1)
SHUNT POSITION
SHDN PIN
AMPLIFIER
Installed*
Connected to VIN
Enabled
Not installed
Connected to GND
Disabled
*Default position.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com