Electronic Components Datasheet Search
  English  ▼

X  

ISO7710FD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710FD
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FD Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7710FD Datasheet HTML 3Page - Texas Instruments ISO7710FD Datasheet HTML 4Page - Texas Instruments ISO7710FD Datasheet HTML 5Page - Texas Instruments ISO7710FD Datasheet HTML 6Page - Texas Instruments ISO7710FD Datasheet HTML 7Page - Texas Instruments ISO7710FD Datasheet HTML 8Page - Texas Instruments ISO7710FD Datasheet HTML 9Page - Texas Instruments ISO7710FD Datasheet HTML 10Page - Texas Instruments ISO7710FD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
ISO7710
www.ti.com
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Regulatory Information
VDE, CSA, UL and TUV certifications for DW-16 package are complete; All other certifications are planned.
VDE
CSA
UL
CQC
TUV
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-
12
Certified under CSA
Component Acceptance
Notice 5A, IEC 60950-1,
and IEC 60601-1
Certified according to UL
1577 Component
Recognition Program
Plan to certify according to
GB4943.1-2011
Certified according to EN
61010-1:2010 (3rd Ed)
and EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013
Maximum transient
isolation voltage, 8000
VPK (DW-16) and 4242
VPK (D-8);
Maximum repetitive peak
isolation voltage, 1414
VPK (DW-16) and 637
VPK (D-8);
Maximum surge isolation
voltage, 8000 VPK (DW-
16) and 5000 VPK (D-8)
Reinforced insulation per
CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.,
800 VRMS (DW-16) and 400
VRMS (D-8) max working
voltage (pollution degree 2,
material group I);
DW-16: Single
protection, 5000 VRMS ;
D-8: Single protection,
3000 VRMS
DW-16: Reinforced
Insulation, Altitude
≤ 5000
m, Tropical Climate, 400
VRMS maximum working
voltage;
D-8: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
5000 VRMS Reinforced
insulation per EN 61010-
1:2010 (3rd Ed) up to
working voltage of 600
VRMS (DW-16)
2 MOPP (Means of Patient
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed.
3.1, 250 VRMS (DW-16) max
working voltage
5000 VRMS Reinforced
insulation per EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013 up to
working voltage of 800
VRMS (DW-16)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certification Planned
Client ID number: 77311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com