Electronic Components Datasheet Search
  English  ▼

X  

RC55 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC55
Description  Precision Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC55 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC55 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC55 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC55 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical Data
RC55
RC65
RC70
NOTES
COMMERCIAL
Power rating at 70°C
watts
0.25
0.5
1.0
Resistance range
ohms
1R to 4M
1R to 4M
1R to 10M
Limiting element voltage
volts
350
350
500
Isolation voltage
volts
500
500
700
TCR (20 to +70°C) & codes
ppm/°C
5(V), 10(T), 15(Y), 25(D), 50(C) & 100(Z)
See resistance
Resistance tolerance
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
restrictions
APPROVED CECC 40101-004
H
J
K
K
L
Power rating at 70°C
watts
0.063
0.125
0.25
0.25
0.5
Resistance range
ohms 1R to 1M 1R to 1M 1R to 1M
10R to 1M
10R to 1M
Limiting element voltage
volts
200
200
250
250
350
Isolation voltage
volts
280
280
350
350
500
TCR & codes
ppm/°C
15(Y), 25(D), 50(C) & 100(Z)
See resistance
Resistance tolerance (code)
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
restrictions
APPROVED CECC 40101-804
A
B
B
C
Power rating at 70°C
watts
0.125
0.25
0.25
0.5
Resistance range
ohms
1R to 1M
1R to 1M
10R to 1M
10R to 1M
Limiting element voltage
volts
200
250
250
350
Isolation voltage
volts
280
350
350
500
TCR & codes
ppm/°C
15(T), 25(E) & 50(C)
See resistance
Resistance tolerance (code)
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
restrictions
Standard values
E24, E96 preferred
Any value
Thermal impedance
°C/watt
110
70
60
to order
Ambient temperature range
°C
-55 to +155
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, England Tel: 01670 822181 Fax: 01670 829465 Web: http://www.Welwyn-TT.co.uk
Issue A 07/99
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Precision Metal
Film Resistors
RC SERIES
● CECC released products with
low TCRs over a wide
resistance range
● Resistance tolerance down to 0.05%
● Express delivery available
● Low noise and negligible voltage
coefficient
173


Similar Part No. - RC55

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
logo
List of Unclassifed Man...
RC5501 ETC2-RC5501 Datasheet
77Kb / 2P
UHF Controller
RC5502 ETC2-RC5502 Datasheet
77Kb / 2P
UHF Controller
RC5503 ETC2-RC5503 Datasheet
77Kb / 2P
UHF Controller
More results

Similar Description - RC55

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com