Electronic Components Datasheet Search
  English  ▼

X  

RC65 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC65
Description  Precision Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC65 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC65 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC65 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC65 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STANDARD QUANTITIES PER PACKAGE
Type
RC55
RC65
RC70
Small Box
250
125
25
Large Box
1000
500
250
Reel
5000
2500
-
Large Ammo Pack
1000
1000
-
Precision Metal
Film Resistors
RC SERIES
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, England Tel: 01670 822181 Fax: 01670 829465 Web: http://www.Welwyn-TT.co.uk
Issue A 07/99
APPLICATION NOTES
Matched Sets and Networks
Welwyn has many years experience in the supply of
matched set of precision resistors.
Resistors can be supplied matched for tolerance and
TCR down to ±0.02% and ±2ppm/°C, either as
separate resistors or pre-assembled and
encapsulated within a plastic box.
The individual resistors within a set or module can
be manufactured with a tolerance of ±0.05% and
TCR of ±5ppm/°C.
PACKAGING
The standard method of packaging RC55 resistors is
taped in ammo packs. Taped resistors on reel or
loose packed components can also be supplied by
special request. The standard packaging for RC65
and RC70 resistors is loose in boxes. By special
request the RC65 components can also be supplied
taped on reel or in ammo pack. In the case of tape
packed components the usable lead length is
reduced by the width of the tape.
Table of Resistance Restrictions
TOLERANCE
TCR
RC55
RC65
RC70
ppm/°C
0.05%
.1 – .25%
.5 – 1%
0.05%
.1 – .25%
.5 – 1%
0.05%
.1 – .25%
.5 – 1%
5
10 to 500k 10 to 500k
1 to 500k
10 to 500k 10 to 500k
1 to 500k
10 to 750k 10 to 750k
1 to 750k
10
10 to 1M
10 to 1M
1 to 1M
10 to 1M
10 to 1M
1 to 1M
10 to 1M
10 to 1M
1 to 1M
15
10 to 1M
5 to 1M
1 to 1M
10 to 1M
5 to 1M
1 to 1M
10 to 1M
10 to 2M
1 to 2M
25
10 to 1M
5 to 2M
1 to 2M
10 to 1M
5 to 2M
1 to 2M
10 to 1M
10 to 5M
1 to 5M
50
10 to 1M
5 to 2M
1 to 4M
10 to 1M
5 to 2M
1 to 4M
10 to 1M
5 to 10M
1 to 10M
100
10 to 1M
1 to 2M
1 to 4M
10 to 1M
1 to 2M
1 to 4M
10 to 1M
1 to 10M
1 to 10M
52
f1
f2
6
6
5
Body location f1 – f2
≤ 1.4 mm
175



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com