Electronic Components Datasheet Search
  English  ▼

X  

ABF10 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # ABF10
Description  SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ABF10 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ABF10 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ABF10 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
FIG. 2 TYPICAL FORWARD CHARACTERISTIC
ABF2 THRU ABF10
2 of 2
0
0.2
0.4
0.6
0.8
1.2
0
306090
120
150
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0.1
1
10
FORWARD VOLTAGE (V)
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
℃
℃
℃
=75
T
=25
T
T =125
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
A
A
A
.0
1.0
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com