Electronic Components Datasheet Search
  English  ▼

X  

2N2891 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2891
Description  Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2891 Datasheet(HTML) 1 Page - Seme LAB

  2N2891 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2891
Bipolar NPN Device.
V
CEO =
80V
I
C = 2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
2
A
h
FE
@ 2/1 (V
CE / IC)
50
150
-
f
t
30M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N2891

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2891 CENTRAL-2N2891 Datasheet
55Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2891 NJSEMI-2N2891 Datasheet
89Kb / 1P
SI PNP LO-PWR BJT
2N2891 NJSEMI-2N2891 Datasheet
98Kb / 2P
20 STERN AVE.
2N2891 NJSEMI-2N2891 Datasheet
98Kb / 2P
20 STERN AVE
logo
TT Electronics.
2N2891 TTELEC-2N2891 Datasheet
136Kb / 3P
SILICON NPN TRANSISTOR
More results

Similar Description - 2N2891

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N4897 SEME-LAB-SF_2N4897 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_2N5148 SEME-LAB-SF_2N5148 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_2N5252 SEME-LAB-SF_2N5252 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_BUX49 SEME-LAB-SF_BUX49 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
SF_BUY81 SEME-LAB-SF_BUY81 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BFT60 SEME-LAB-BFT60 Datasheet
11Kb / 1P
Bipolar NPN Device in A Hermetically sealed TO39 Metal Package
2N5095 SEME-LAB-2N5095 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
2N3724 SEME-LAB-2N3724 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
2S303A SEME-LAB-2S303A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BC323 SEME-LAB-BC323 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com