Electronic Components Datasheet Search
  English  ▼

X  

ABF22 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # ABF22
Description  SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ABF22 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ABF22 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ABF22 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
3
60
2 of 2
2 4
2 0
6
1 2
8
4
0.01
0.1
1.0
10
FIG.2 YPICAL FORWARD CHARACTERISTICS
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
50
100
150
0.00
0.
0.
.
1.
.
.
FIG.1 FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
MXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3
T =25
℃
A
AMBIENT TEMPERATURE (oC)
FORWARD VOLTAGE (V)
ABF210
ABF22 THRU
.4T
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com