Electronic Components Datasheet Search
  English  ▼

X  

KDB22 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KDB22
Description  SINGLE PHASE 2 . 0 AMP SURFACE MOUN T S C H O T T K Y BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KDB22 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KDB22 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KDB22 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
=100
20
75
28
5
0.05
mA
10
0.1
0.9
0.92
0.85
0.7
0.55
60
=90
56
42
35
31
28
21
250
200
150
100
80
60
50
45
40
30
225
220
215
210
28
26
25
245
24
23
14
20
22
KDB
version:01
RRM
J
C
Features
·
·
·
·
·
Mechanical Data
· Case: DB-M, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
V
VRWM
VDC
RMS Reverse Voltage
VRMS
V
Average Rectified Output Current (Note 1)@TA
℃
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=2.0A
VFM
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA
℃
IR
Typical Junction Capacitance per leg
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
℃
/W
RθJL
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
℃
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
KDB KDB KDB KDB KDB KDB
70
KDB
105
KDB
140
KDB
175
KDB
KDB22 THRU KDB225
0
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
For Use in Low Voltage Application
Plastic Case Material has UL Flammability
Classification Rating 94V-
High current capacity,low VF
SINGLE PHASE
AMP SURFACE MOUNT
BRIDGE RECTIFIER
2.0
SCHOTTKY
www.dyelec.com
0.358
0.335
9.1
8.5
0.024
0.016
0.60
0.40
0.193
0.209
4.9
5.3
0.179
0.195
4.55
4.95
0.0098
0.25
0.313 7.95
0.329
8.35
0.083
2.10
-
+
~
~
DB-M
(
)
0.0059(0.15)
(
)
(
)
(
)
(
)
0.098(2.50)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
Dimensions in inches and (millimeters)
Version
0.047
1.20
0.95
(
)
0.037(
)


Similar Part No. - KDB22

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
KDB220S THINKISEMI-KDB220S Datasheet
415Kb / 3P
THINKISEMIS SCHOTTKY TYPE SINGLE PHASE BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KDB225S DYELEC-KDB225S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
KDB22S DYELEC-KDB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
More results

Similar Description - KDB22

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
GT6924E ETL-GT6924E Datasheet
278Kb / 4P
N - C H A N N E L M O S F E T W I T H S C H O T T K Y D I O D E
logo
Powerbox
PBI6C POWERBOX-PBI6C Datasheet
792Kb / 3P
5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PSC06 POWERBOX-PSC06 Datasheet
249Kb / 2P
1 0 0 0 - 6 0 0 0 WAT T S 2 U U LT R A C O M PA C T B AT T E R Y C H A R G E R S
logo
Nanjing International G...
KMB22S DGNJDZ-KMB22S Datasheet
201Kb / 2P
SINGLE PHASE 2 . 0 AMP SURFACE MOUNT S C H O T T K Y BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
MBR20150LCT BYTESONIC-MBR20150LCT Datasheet
367Kb / 2P
20.0 AMP SC H O T T K Y B A RRIER RECTIFIERS
2017/11/17
MBR10150LCT BYTESONIC-MBR10150LCT Datasheet
348Kb / 2P
10.0 AMP SC H O T T K Y B A RRIER RECTIFIERS
2017/11/09
MBR10200LCT BYTESONIC-MBR10200LCT Datasheet
290Kb / 2P
10.0 AMP SC H O T T K Y B A RRIER RECTIFIERS 1
2019/04/08
MBR20150LFCT BYTESONIC-MBR20150LFCT Datasheet
336Kb / 2P
20.0 AMP SC H O T T K Y B A RRIER RECTIFIERS
2018/10/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com