Electronic Components Datasheet Search
  English  ▼

X  

83905 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 83905
Description  Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83905 Datasheet(HTML) 2 Page - Integrated Device Technology

  83905 Datasheet HTML 1Page - Integrated Device Technology 83905 Datasheet HTML 2Page - Integrated Device Technology 83905 Datasheet HTML 3Page - Integrated Device Technology 83905 Datasheet HTML 4Page - Integrated Device Technology 83905 Datasheet HTML 5Page - Integrated Device Technology 83905 Datasheet HTML 6Page - Integrated Device Technology 83905 Datasheet HTML 7Page - Integrated Device Technology 83905 Datasheet HTML 8Page - Integrated Device Technology 83905 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
©2016 Integrated Device Technology, Inc.
Revision D September 27, 2016
83905 Datasheet
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
Table 2. Pin Characteristics
Function Table
Table 3. Clock Enable Function Table
Figure 1. Enable Timing Diagram
Name
Type
Description
XTAL_OUT
Output
Crystal oscillator interface. XTAL_OUT is the output.
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input.
ENABLE1, ENABLE2
Input
Clock enable. LVCMOS/LVTTL interface levels. See Table 3.
BCLK0, BCLK1, BCLK2,
BCLK3, BCLK4, BCLK5
Output
Clock outputs. LVCMOS/LVTTL interface levels.
GND
Power
Power supply ground.
VDD
Power
Power supply pin.
VDDO
Power
Output supply pin.
nc
Unused
No connect.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
CPD
Power Dissipation
Capacitance
(per output)
VDDO = 3.465V
19
pF
VDDO = 2.625V
18
pF
VDDO = 2.0V
16
pF
ROUT
Output Impedance
VDDO = 3.3V ± 5%
7
VDDO = 2.5V ± 5%
7
VDDO = 1.8V ± 0.2V
10
Control Inputs
Outputs
ENABLE 1
ENABLE2
BCLK[0:4]
BCLK5
0
0
LOW
LOW
0
1
LOW
Toggling
1
0
Toggling
LOW
1
1
Toggling
Toggling
BCLK5
BCLK[0:4]
ENABLE2
ENABLE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com